Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ471 Datasheet(PDF) 7 Page - Hitachi Semiconductor

No. de pieza 2SJ471
Descripción Electrónicos  Silicon P Channel DV-L MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ471 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SJ471 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ471 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ471 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ471 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ471 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ471 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ471 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ471 Datasheet HTML 9Page - Hitachi Semiconductor 2SJ471 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SJ471
7
3
1
0.3
0.1
0.03
0.01
10
µ
100
µ
1 m
10 m
100 m
1
10
DM
P
PW
T
D =
PW
T
ch – c(t) = s (t) •
ch – c
ch – c = 4.17
°C/W, Tc = 25 °C
θ
γ
θ
θ
Tc = 25
°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
–50
–40
–30
–20
–10
0
–0.4
–0.8
–1.2
–1.6
–2.0
Source to Drain Voltage V
(V)
SD
Reverse Drain Current vs.
Source to Drain Voltage
V
= 0, 5 V
GS
–5 V
Pulse Test
–10 V


Número de pieza similar - 2SJ471

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SJ471 RENESAS-2SJ471 Datasheet
83Kb / 7P
   Silicon P Channel DV-L MOS FET
2SJ471-E RENESAS-2SJ471-E Datasheet
83Kb / 7P
   Silicon P Channel DV-L MOS FET
More results

Descripción similar - 2SJ471

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ479 HITACHI-2SJ479 Datasheet
38Kb / 7P
   Silicon P Channel DV-L MOS FET High Speed Power Switching
2SK2736 HITACHI-2SK2736 Datasheet
34Kb / 7P
   Silicon N Channel DV-L MOS FET High Speed Power Switching
2SK2684 HITACHI-2SK2684 Datasheet
51Kb / 10P
   Silicon N Channel DV-L MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ471 RENESAS-2SJ471 Datasheet
83Kb / 7P
   Silicon P Channel DV-L MOS FET
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com