Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ546 Datasheet(PDF) 8 Page - Hitachi Semiconductor

No. de pieza 2SJ546
Descripción Electrónicos  Silicon P Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ546 Datasheet(HTML) 8 Page - Hitachi Semiconductor

  2SJ546 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ546 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ546 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ546 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ546 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ546 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ546 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ546 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ546 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2SJ546
8
Package Dimensions
Unit: mm
10.0 ± 0.3
1.0 ± 0.2
1.15 ± 0.2
0.6 ± 0.1
2.54 ± 0.5
2.54 ± 0.5
2.7 ± 0.2
4.5 ± 0.3
0.7 ± 0.1
3.2 ± 0.2
φ
2.5 ± 0.2
Hitachi Code
EIAJ
JEDEC
TO–220CFM


Número de pieza similar - 2SJ546

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SJ546 RENESAS-2SJ546 Datasheet
88Kb / 8P
   Silicon P Channel MOS FET
logo
VBsemi Electronics Co.,...
2SJ546 VBSEMI-2SJ546 Datasheet
951Kb / 7P
   P-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ546-E RENESAS-2SJ546-E Datasheet
88Kb / 8P
   Silicon P Channel MOS FET
More results

Descripción similar - 2SJ546

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com