Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ550L Datasheet(PDF) 5 Page - Hitachi Semiconductor

No. de pieza 2SJ550L
Descripción Electrónicos  Silicon P Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ550L Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SJ550L Datasheet HTML 1Page - Hitachi Semiconductor 2SJ550L Datasheet HTML 2Page - Hitachi Semiconductor 2SJ550L Datasheet HTML 3Page - Hitachi Semiconductor 2SJ550L Datasheet HTML 4Page - Hitachi Semiconductor 2SJ550L Datasheet HTML 5Page - Hitachi Semiconductor 2SJ550L Datasheet HTML 6Page - Hitachi Semiconductor 2SJ550L Datasheet HTML 7Page - Hitachi Semiconductor 2SJ550L Datasheet HTML 8Page - Hitachi Semiconductor 2SJ550L Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SJ550(L),2SJ550(S)
5
0
–10
–20
–30
–40
–50
10000
1000
3000
300
10
30
100
0
–20
–40
–60
–80
0
0
–4
–8
–12
–16
8
1624
3240
–20
1000
200
500
100
20
10
50
V
= 0
f = 1 MHz
GS
Ciss
Coss
Crss
–100
V
= –10 V
–25 V
–50 V
DD
I
= –15 A
D
VGS
VDS
V
= –50 V
–25 V
–10 V
DD
–0.1 –0.2
–1
–2
–10 –20
–5
–0.5
V
= –10 V, V
= –30 V
PW = 5 µs, duty < 1 %
GS
DD
t f
r
t
d(on)
t
d(off)
t
Drain to Source Voltage V
(V)
DS
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nc)
Dynamic Input Characteristics
Drain Current
I
(A)
D
Switching Characteristics
500
200
100
20
50
10
5
–0.1
–0.3
–3
–1
–10
di / dt = 50 A / µs
V
= 0, Ta = 25 °C
GS
–20
Reverse Drain Current
I
(A)
DR
Body–Drain Diode Reverse
Recovery Time


Número de pieza similar - 2SJ550L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SJ550L RENESAS-2SJ550L Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ550L-E RENESAS-2SJ550L-E Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results

Descripción similar - 2SJ550L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com