Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA4DWB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza LA4DWB
Descripción Electrónicos  TeSys D - interface amplier module - solid state - 24 V DC / 250 V AC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

LA4DWB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LA4DWB Datasheet HTML 1Page - List of Unclassifed Manufacturers LA4DWB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Aug 1, 2013
1
Product data sheet
Characteristics
LA4DWB
TeSys D - interface amplier module - solid state -
24 V DC / 250 V AC
Main
Commercial Status
Commercialised
Range of product
TeSys D
Device short name
LA4D
Poles description
3P
Product or component
type
Interface module
Product compatibility
LC1D09...D115
Complementary
Mounting mode
Top mounted
Technology type
Solid state
[Us] rated supply voltage
24 V DC
Control circuit voltage limits
5...30 V at 68 °F (20 °C) DC
[Ui] rated insulation voltage
250 V - for control circuit - conforming to IEC 60947-5-1
Connections - terminals
Control circuit: connector 2 cable 0...0 in² (1...2.5 mm²) - cable stiffness: solid - without
cable end
Control circuit: connector 2 cable 0...0 in² (1...2.5 mm²) - cable stiffness: solid - with
cable end
Control circuit: connector 2 cable 0...0 in² (1...2.5 mm²) - cable stiffness: flexible -
without cable end
Control circuit: connector 2 cable 0...0 in² (1...2.5 mm²) - cable stiffness: flexible - with
cable end
Control circuit: connector 1 cable 0...0 in² (1...2.5 mm²) - cable stiffness: solid - without
cable end
Control circuit: connector 1 cable 0...0 in² (1...2.5 mm²) - cable stiffness: solid - with
cable end
Control circuit: connector 1 cable 0...0 in² (1...2.5 mm²) - cable stiffness: flexible -
without cable end
Control circuit: connector 1 cable 0...0 in² (1...2.5 mm²) - cable stiffness: flexible - with
cable end
[Ue] rated operational voltage
380...415 V AC for control circuit
24...250 V AC for control circuit
Current consumption
8.5...15 mA 68 °F (20 °C)
Current state 0 guaranteed
< 2 mA
Voltage state 0 guaranteed
< 2.4 V
Voltage state 1 guaranteed
5 V
Electrical durability
20 Mcycles at 240 V
Local signalling
LED indicator
Height
0.75 in (19 mm)
Product weight
0.1 lb(US) (0.045 kg)


Número de pieza similar - LA4DWB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
LA4 LEIDITECH-LA4 Datasheet
603Kb / 2P
   Glass passivated device Ideal for surface mouted applications
logo
FOTEK CONTROLS CO., LTD...
LA4-04 FOTEK-LA4-04 Datasheet
1Mb / 5P
   Slim Long Type Light Curtain
LA4-04L FOTEK-LA4-04L Datasheet
1Mb / 5P
   Slim Long Type Light Curtain
LA4-06 FOTEK-LA4-06 Datasheet
1Mb / 5P
   Slim Long Type Light Curtain
LA4-06L FOTEK-LA4-06L Datasheet
1Mb / 5P
   Slim Long Type Light Curtain
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com