Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC-4532CC726PF-A10 Datasheet(PDF) 11 Page - NEC

No. de pieza MC-4532CC726PF-A10
Descripción Electrónicos  32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

MC-4532CC726PF-A10 Datasheet(HTML) 11 Page - NEC

Back Button MC-4532CC726PF-A10 Datasheet HTML 7Page - NEC MC-4532CC726PF-A10 Datasheet HTML 8Page - NEC MC-4532CC726PF-A10 Datasheet HTML 9Page - NEC MC-4532CC726PF-A10 Datasheet HTML 10Page - NEC MC-4532CC726PF-A10 Datasheet HTML 11Page - NEC MC-4532CC726PF-A10 Datasheet HTML 12Page - NEC MC-4532CC726PF-A10 Datasheet HTML 13Page - NEC MC-4532CC726PF-A10 Datasheet HTML 14Page - NEC MC-4532CC726PF-A10 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
MC-4532CC726
Data Sheet M13680EJ5V0DS00
(2/2)
Byte No.
Function Described
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Notes
32
Command and address signal input
setup time
20H
00
10
00
00
2 ns
33
Command and address signal input
hold time
10H
00
01
00
00
1 ns
34
Data signal input setup time
20H
0
0
1
0
0
0
0
0
2 ns
35
Data signal input hold time
10H
0
0
0
1
0
0
0
0
1 ns
36-61
00H
0
0
0
0
0
0
0
0
62
SPD revision
12H
0
0
0
1
0
0
1
0
1.2
63
Checksum for bytes 0 - 62
-A80
03H
0
0
0
0
0
0
1
1
-A10
69H
01
10
10
01
64-71
Manufacture’s JEDEC ID code
72
Manufacturing location
73-90
Manufacture’s P/N
91-92
Revision code
93-94
Manufacturing date
95-98
Assembly serial number
99-125
Mfg specific
126
Intel specification frequency
64H
0
1
1
0
0
1
0
0
100 MHz
127
Intel specification /CAS
-A80
FFH
1
1
1
1
1
1
1
1
latency support
-A10
FDH
1
1
1
1
1
1
0
1
Timing Chart
Refer to the SYNCHRONOUS DRAM MODULE TIMING CHART Information (M13348E).


Número de pieza similar - MC-4532CC726PF-A10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
MC-4532CC726PF-A10 ELPIDA-MC-4532CC726PF-A10 Datasheet
174Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Descripción similar - MC-4532CC726PF-A10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
MC-4532CC726 ELPIDA-MC-4532CC726 Datasheet
174Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CC726XFA ELPIDA-MC-4532CC726XFA Datasheet
181Kb / 14P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC727 NEC-MC-4532CC727 Datasheet
220Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727 ELPIDA-MC-4532CC727 Datasheet
172Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CC727XFA ELPIDA-MC-4532CC727XFA Datasheet
174Kb / 14P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD647XFA ELPIDA-MC-4532CD647XFA Datasheet
171Kb / 14P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD647 NEC-MC-4532CD647 Datasheet
207Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 NEC-MC-4532CD646 Datasheet
148Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com