Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1520 Datasheet(PDF) 5 Page - Hitachi Semiconductor

No. de pieza 2SK1520
Descripción Electrónicos  Silicon N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK1520 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SK1520 Datasheet HTML 1Page - Hitachi Semiconductor 2SK1520 Datasheet HTML 2Page - Hitachi Semiconductor 2SK1520 Datasheet HTML 3Page - Hitachi Semiconductor 2SK1520 Datasheet HTML 4Page - Hitachi Semiconductor 2SK1520 Datasheet HTML 5Page - Hitachi Semiconductor 2SK1520 Datasheet HTML 6Page - Hitachi Semiconductor 2SK1520 Datasheet HTML 7Page - Hitachi Semiconductor 2SK1520 Datasheet HTML 8Page - Hitachi Semiconductor 2SK1520 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SK1519, 2SK1520
5
10
410
Gate to Source Voltage VGS (V)
8
2
26
8
0
4
6
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
20 A
ID = 50 A
Pulse Test
10 A
5
200
Drain Current ID (A)
2
0.1
5
20
100
2
0.5
1
Static Drain to Source on State
Resistance vs. Drain Current
0.2
0.05
50
VGS = 10 V, 15 V
Pulse Test
10
0.5
40
160
Case Temperature TC (°C)
0.4
0.1
0
80
120
0
0.2
0.3
Static Drain to Source on State
Resistance vs. Temperature
ID = 50 A
VGS = 10 V
Pulse Test
–40
20 A
10 A
100
150
Drain Current ID (A)
50
5
0.5
2
10
1
10
20
Forward Transfer Admittance
vs. Drain Current
VDS = 10 V
Pulse Test
2
520
75°C
25°C
TC = –25°C


Número de pieza similar - 2SK1520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SK1520 RENESAS-2SK1520 Datasheet
83Kb / 7P
   Silicon N Channel MOS FET
logo
Inchange Semiconductor ...
2SK1520 ISC-2SK1520 Datasheet
67Kb / 2P
   Drain Current ?밒D=30A@ TC=25C
logo
Renesas Technology Corp
2SK1520-E RENESAS-2SK1520-E Datasheet
83Kb / 7P
   Silicon N Channel MOS FET
More results

Descripción similar - 2SK1520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com