Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1832 Datasheet(PDF) 4 Page - Hitachi Semiconductor

No. de pieza 2SK1832
Descripción Electrónicos  Silicon N-Channel MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK1832 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SK1832 Datasheet HTML 1Page - Hitachi Semiconductor 2SK1832 Datasheet HTML 2Page - Hitachi Semiconductor 2SK1832 Datasheet HTML 3Page - Hitachi Semiconductor 2SK1832 Datasheet HTML 4Page - Hitachi Semiconductor 2SK1832 Datasheet HTML 5Page - Hitachi Semiconductor 2SK1832 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK1831, 2SK1832
4
75
50
25
50
100
150
Case Temperature Tc (°C)
Power vs. Temperature Derating
0
Drain to Source Voltage V
(V)
DS
PW
=
10
ms
(1
shot)
µ
Operation in this
area is limited
by R
(on)
DS
Maximum Safe Operation Area
50
30
10
0.3
0.05
1
300
1000
Ta = 25°C
DC
Operation
(Tc
=
25°C)
3
1
0.1
100
30
10
3
K1831
K1832
PW
T
P
DM
θch – c(t) = s(t) ch – c
ch – c = 2.50°C/W, Tc = 25°C
θ
γθ
.
PW
D =
T
Normalized Transient Thermal Impedance vs. Pulse Width
0.01
0.03
0.1
0.3
1
3
10 µ
100 µ
1 m
10 m
100 m
1
10
1 Shot
Pulse
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
Pulse Width PW (S)


Número de pieza similar - 2SK1832

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SK1832 RENESAS-2SK1832 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET
logo
Inchange Semiconductor ...
2SK1832 ISC-2SK1832 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK1832-E RENESAS-2SK1832-E Datasheet
82Kb / 7P
   Silicon N Channel MOS FET
More results

Descripción similar - 2SK1832

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com