Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2329 Datasheet(PDF) 2 Page - Hitachi Semiconductor

No. de pieza 2SK2329
Descripción Electrónicos  Silicon N-Channel MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2329 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SK2329 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2329 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2329 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2329 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2329 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2329 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2329 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2329 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2329 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SK2329(L), 2SK2329(S)
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
30
V
Gate to source voltage
V
GSS
±10
V
Drain current
I
D
10
A
Drain peak current
I
D(pulse)*
1
40
A
Body to drain diode reverse drain current
I
DR
10
A
Channel dissipation
Pch*
2
20
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes
1. PW
≤ 10 µs, duty cycle ≤ 1 %
2. Value at Tc = 25
°C


Número de pieza similar - 2SK2329

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SK2329 RENESAS-2SK2329 Datasheet
88Kb / 8P
   Silicon N Channel MOS FET
2SK2329-E RENESAS-2SK2329-E Datasheet
79Kb / 7P
   Silicon N Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK2329L VBSEMI-2SK2329L Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2329L ISC-2SK2329L Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Kexin Industr...
2SK2329S KEXIN-2SK2329S Datasheet
44Kb / 1P
   Silicon N-Channel MOSFET
More results

Descripción similar - 2SK2329

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com