Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2529 Datasheet(PDF) 7 Page - Hitachi Semiconductor

No. de pieza 2SK2529
Descripción Electrónicos  Silicon N-Channel MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2529 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SK2529 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2529 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2529 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2529 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2529 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2529 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2529 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2529 Datasheet HTML 9Page - Hitachi Semiconductor 2SK2529 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SK2529
7
100
80
60
40
20
0
0.4
0.8
1.2
1.6
2.0
Source to Drain Voltage
V
(V)
SD
Pulse Test
Reverse Drain Current vs.
Source to Drain Voltage
V
= 0, –5 V
GS
10 V
5 V
200
160
120
80
40
Channel Temperature Tch (°C)
Maximun Avalanche Energy vs.
Channel Temperature Derating
25
50
75
100
125
150
0
I
= 45 A
V
= 25 V
duty < 0.1 %
Rg > 50
AP
DD
3
1
0.3
0.1
0.03
0.01
10 µ
100 µ
1 m
10 m
Pulse Width
PW (S)
100 m
1
10
DM
P
PW
T
D =
PW
T
ch – c(t) = s (t) •
ch – c
ch – c = 3.57 °C/W, Tc = 25 °C
θ
γ
θ
θ
Tc = 25°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
Normalized Transient Thermal Impedance vs. Pulse Width


Número de pieza similar - 2SK2529

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SK2529 RENESAS-2SK2529 Datasheet
89Kb / 8P
   Silicon N Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK2529 VBSEMI-2SK2529 Datasheet
986Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2529 ISC-2SK2529 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2529-E RENESAS-2SK2529-E Datasheet
89Kb / 8P
   Silicon N Channel MOS FET
More results

Descripción similar - 2SK2529

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com