Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HCT138M Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HCT138M
Descripción Electrónicos  High-Speed CMOS Logic 3- to 8-Line Decoder/Demultiplexer Inverting and Noninverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT138M Datasheet(HTML) 5 Page - Texas Instruments

  CD74HCT138M Datasheet HTML 1Page - Texas Instruments CD74HCT138M Datasheet HTML 2Page - Texas Instruments CD74HCT138M Datasheet HTML 3Page - Texas Instruments CD74HCT138M Datasheet HTML 4Page - Texas Instruments CD74HCT138M Datasheet HTML 5Page - Texas Instruments CD74HCT138M Datasheet HTML 6Page - Texas Instruments CD74HCT138M Datasheet HTML 7Page - Texas Instruments CD74HCT138M Datasheet HTML 8Page - Texas Instruments CD74HCT138M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Enable to Output
HC/HCT138
tPLH, tPHL CL = 50pF
2
-
-
150
-
190
-
265
ns
4.5
-
-
30
-
38
-
53
ns
6
-
-
26
-
33
-
45
ns
Output Transition Time
(Figure 1)
tTLH, tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Power Dissipation
Capacitance (Notes 3, 4)
CPD
CL = 15pF
5
-
67
-
-
-
-
-
pF
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
HCT TYPES
Propagation Delay
Address to Output
tPLH, tPHL CL = 50pF
4.5
-
-
35
-
44
-
53
ns
CL = 15pF
5
-
14
-
-
-
-
-
ns
Enable to Output
HC/HCT138
tPLH, tPHL CL = 50pF
4.5
-
-
35
-
44
-
53
ns
Enable to Output
HC/HCT238
tPLH, tPHL CL = 15pF
4.5
-
-
40
-
50
-
60
ns
Output Transition Time
(Figure 2)
tTLH, tTHL CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Power Dissipation
Capacitance (Notes 3, 4)
CPD
CL = 15pF
5
-
67
-
-
-
-
-
pF
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per gate.
4. PD = VCC
2 f
i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
FIGURE 7. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 8. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD54/74HC138, CD54/74HCT138, CD54/74HC238, CD54/74HCT238


Número de pieza similar - CD74HCT138M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HCT138M TI-CD74HCT138M Datasheet
43Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 3-to-8 Line Decoder/ Demultiplexer Inverting and Non-Inverting
CD74HCT138M TI-CD74HCT138M Datasheet
352Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HCT138M TI-CD74HCT138M Datasheet
407Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HCT138M TI-CD74HCT138M Datasheet
360Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HCT138M96 TI-CD74HCT138M96 Datasheet
352Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
More results

Descripción similar - CD74HCT138M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC138 TI-CD54HC138_08 Datasheet
360Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138 TI-CD54HC138 Datasheet
352Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138 TI-CD54HC138_07 Datasheet
407Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HC138-Q1 TI1-CD74HC138-Q1 Datasheet
203Kb / 9P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 3- TO 8-LINE INVERTING DECODER/DEMULTIPLEXER
CD74HC138 TI-CD74HC138 Datasheet
43Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 3-to-8 Line Decoder/ Demultiplexer Inverting and Non-Inverting
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com