Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3150 Datasheet(PDF) 5 Page - Hitachi Semiconductor

No. de pieza 2SK3150
Descripción Electrónicos  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3150 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SK3150 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3150 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3150 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3150 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3150 Datasheet HTML 5Page - Hitachi Semiconductor 2SK3150 Datasheet HTML 6Page - Hitachi Semiconductor 2SK3150 Datasheet HTML 7Page - Hitachi Semiconductor 2SK3150 Datasheet HTML 8Page - Hitachi Semiconductor 2SK3150 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SK3150(L),2SK3150(S)
5
0.1
0.3
13
10
30
50
010
20
30
40
50
2000
10000
1000
100
200
500
200
160
120
80
40
0
20
16
12
8
4
20
40
60
80
100
0
500
50
5
10
2
1
20
200
1000
20
100
10
0.1 0.2
1
2
10
20
di / dt = 50 A / µs
V
= 0, Ta = 25°C
GS
10
20
50
V
= 0
f = 1 MHz
GS
Ciss
Coss
Crss
I
= 15 A
D
VGS
VDS
V
= 100 V
50 V
25 V
DD
t f
r
t
d(on)
t
d(off)
t
Reverse Drain Current
I
(A)
DR
Body–Drain Diode Reverse
Recovery Time
Drain to Source Voltage V
(V)
DS
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nc)
Dynamic Input Characteristics
Drain Current
I
(A)
D
Switching Characteristics
V
= 10 V, V
= 30 V
PW = 5 µs, duty < 1%
GS
DD
V
= 100 V
50 V
25 V
DD
50
500
0.5
50
5000
100
200


Número de pieza similar - 2SK3150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SK3150 RENESAS-2SK3150 Datasheet
94Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3150(L) RENESAS-2SK3150(L)_15 Datasheet
132Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3150L ISC-2SK3150L Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3150L-E RENESAS-2SK3150L-E Datasheet
94Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3150S ISC-2SK3150S Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK3150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com