Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC4051MX Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74VHC4051MX
Descripción Electrónicos  8-Channel Analog Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC4051MX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC4051MX Datasheet HTML 1Page - Fairchild Semiconductor 74VHC4051MX Datasheet HTML 2Page - Fairchild Semiconductor 74VHC4051MX Datasheet HTML 3Page - Fairchild Semiconductor 74VHC4051MX Datasheet HTML 4Page - Fairchild Semiconductor 74VHC4051MX Datasheet HTML 5Page - Fairchild Semiconductor 74VHC4051MX Datasheet HTML 6Page - Fairchild Semiconductor 74VHC4051MX Datasheet HTML 7Page - Fairchild Semiconductor 74VHC4051MX Datasheet HTML 8Page - Fairchild Semiconductor 74VHC4051MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
tm
May 2007
©1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC4051, 74VHC4052, 74VHC4053 Rev. 1.3
74VHC4051, 8-Channel Analog Multiplexer
74VHC4052, Dual 4-Channel Analog Multiplexer
74VHC4053, Triple 2-Channel Analog Multiplexer
Features
Wide analog input voltage range: ±6V
Low “ON” resistance: 50 Typ. (VCC–VEE = 4.5V)
30 Typ. (VCC–VEE = 9V)
Logic level translation to enable 5V logic with ±5V
analog signals
Low quiescent current: 80µA maximum
Matched switch characteristic
Pin and function compatible with the
74HC4051/ 4052/4053
General Description
These
multiplexers
are
digitally
controlled
analog
switches implemented in advanced silicon-gate CMOS
technology. These switches have low “ON” resistance
and low “OFF” leakages. They are bidirectional switches,
thus any analog input may be used as an output and
vice-versa. Also these switches contain linearization cir-
cuitry which lowers the “ON” resistance and increases
switch linearity. These devices allow control of up to ±6V
(peak) analog signals with digital control signals of 0 to
6V. Three supply pins are provided for VCC, ground, and
VEE. This enables the connection of 0–5V logic signals
when VCC = 5V and an analog input range of ±5V when
VEE = 5V. All three devices also have an inhibit control
which when high will disable all switches to their off
state. All analog inputs and outputs and digital inputs are
protected from electrostatic damage by diodes to VCC
and ground.
VHC4051: This device connects together the outputs of
8 switches, thus achieving an 8 channel Multiplexer. The
binary code placed on the A, B, and C select lines
determines which one of the eight switches is “ON”, and
connects one of the eight inputs to the common output.
VHC4052: This device connects together the outputs of
4 switches in two sets, thus achieving a pair of 4-channel
multiplexers. The binary code placed on the A, and B
select lines determine which switch in each 4 channel
section is “ON”, connecting one of the four inputs in each
section to its common output. This enables the imple-
mentation of a 4-channel differential multiplexer.
VHC4053: This device contains 6 switches whose out-
puts are connected together in pairs, thus implementing
a triple 2 channel multiplexer, or the equivalent of 3
single-pole-double throw configurations. Each of the A,
B, or C select lines independently controls one pair of
switches, selecting one of the two switches to be “ON”.


Número de pieza similar - 74VHC4051MX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC4051M FAIRCHILD-74VHC4051M Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
74VHC4051MTC FAIRCHILD-74VHC4051MTC Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
More results

Descripción similar - 74VHC4051MX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
   8-Channel Analog Multiplexer
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Rohm
BU4051BC ROHM-BU4051BC Datasheet
76Kb / 6P
   8-channel analog multiplexer / demultiplexer
logo
Hitachi Semiconductor
HD14051B HITACHI-HD14051B Datasheet
92Kb / 8P
   8-channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A_15 Datasheet
145Kb / 14P
   8-channel Analog Multiplexer / Demultiplexer
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_15 Datasheet
289Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
   8-Channel CMOS Analog Multiplexer
logo
NXP Semiconductors
74HC4051D NXP-74HC4051D Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
HEF4051B NEXPERIA-HEF4051B Datasheet
293Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 13 - 29 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com