Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC4053WM Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza 74VHC4053WM
Descripción Electrónicos  8-Channel Analog Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC4053WM Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74VHC4053WM Datasheet HTML 3Page - Fairchild Semiconductor 74VHC4053WM Datasheet HTML 4Page - Fairchild Semiconductor 74VHC4053WM Datasheet HTML 5Page - Fairchild Semiconductor 74VHC4053WM Datasheet HTML 6Page - Fairchild Semiconductor 74VHC4053WM Datasheet HTML 7Page - Fairchild Semiconductor 74VHC4053WM Datasheet HTML 8Page - Fairchild Semiconductor 74VHC4053WM Datasheet HTML 9Page - Fairchild Semiconductor 74VHC4053WM Datasheet HTML 10Page - Fairchild Semiconductor 74VHC4053WM Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
©1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC4051, 74VHC4052, 74VHC4053 Rev. 1.3
7
DC Electrical Characteristics(3)
Notes:
3. For a power supply of 5V ±10% the worst case on resistances (RON) occurs for VHC at 4.5V. Thus the 4.5V values
should be used when designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively.
(The VIH value at 5.5V is 3.85V.) The worst case leakage current occur for CMOS at the higher voltage and so the 5.5V
values should be used.
4. At supply voltages (VCC–VEE) approaching 2V the analog switch on resistance becomes extremely non-linear. Therefore it
is recommended that these devices be used to transmit digital only when using these supply voltages.
5. Adjust 0dB for f
= 1kHz (Null R1/R
ON Attenuation).
Symbol
Parameter
Conditions
VEE
VCC
Typ.
TA =
25°C
TA = –40
to 85°C
Units
Guaranteed
Limits
VIH
Minimum HIGH Level Input
Voltage
2.0V
1.5
1.5
V
4.5V
3.15
3.15
6.0V
4.2
4.2
VIL
Maximum LOW Level Input
Voltage
2.0V
0.5
0.5
V
4.5V
1.35
1.35
6.0V
1.8
1.8
RON
Maximum “ON” Resistance(4)
VINH = VIL, IS = 2.0mA,
VIS = VCC to VEE (Fig. 1)
GND
4.5V
40
160
200
–4.5V
4.5V
30
120
150
–6.0V
6.0V
20
100
125
VINH = VIL, IS = 2.0mA,
VIS = VCC or VEE (Fig. 1)
GND
2.0V
100
230
280
GND
4.5V
40
110
140
–4.5V
4.5V
20
90
120
–6.0V
6.0V
15
80
100
RON
Maximum “ON” Resistance
Matching
VINH = VIL,
VIS = VCC to GND
GND
4.5V
10
20
25
–4.5V
4.5V
5
10
15
–6.0V
6.0V
5
10
12
IN
Maximum Control Input Current
VIN = VCC or GND,
VCC = 2 – 6V
±.05
±0.5
µA
ICC
Maximum Quiescent Supply
Current
VIN = VCC or GND,
IOUT = 0µA
GND
6.0V
4
40
µA
–6.0V
6.0V
8
80
IIZ
Maximum Switch “OFF” Leakage
Current (Switch Input)
VOS = VCC or VEE,
VIS = VEE or VCC,
VINH = VIH (Fig. 2)
GND
6.0V
±60
±300
nA
–6.0V
6.0V
±100
±500
IIZ
Maximum Switch
“ON” Leakage
Current
VHC4051
VIS = VCC to VEE,
VINH = VIL (Fig. 3)
GND
6.0V
±0.1
±1.0
µA
–6.0V
6.0V
±0.2
±2.0
VHC4052
VIS = VCC to VEE,
VINH = VIL (Fig. 3)
GND
6.0V
±0.050
±0.5
–6.0V
6.0V
±0.1
±1.0
VHC4053
VIS = VCC to VEE,
VINH = VIL (Fig. 3)
GND
6.0V
±0.05
±0.5
–6.0V
6.0V
±0.5
±0.5
IIZ
Maximum Switch
“OFF” Leakage
Current
(Common Pin)
VHC4051
VOS = VCC or VEE,
VIS = VEE or VCC,
VINH = VIH
GND
6.0V
±0.1
±1.0
µA
–6.0V
6.0V
±0.2
±2.0
VHC4052
VOS = VCC or VEE,
VIS = VEE or VCC,
VINH = VIH
GND
6.0V
±0.05
±0.5
–6.0V
6.0V
±0.1
±1.0
VHC4053
VOS = VCC or VEE,
VIS = VEE or VCC,
VINH = VIH
GND
6.0V
±0.05
±0.5
–6.0V
6.0V
±0.05
±0.5


Número de pieza similar - 74VHC4053WM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC4053WM FAIRCHILD-74VHC4053WM Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
More results

Descripción similar - 74VHC4053WM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
   8-Channel Analog Multiplexer
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Rohm
BU4051BC ROHM-BU4051BC Datasheet
76Kb / 6P
   8-channel analog multiplexer / demultiplexer
logo
Hitachi Semiconductor
HD14051B HITACHI-HD14051B Datasheet
92Kb / 8P
   8-channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A_15 Datasheet
145Kb / 14P
   8-channel Analog Multiplexer / Demultiplexer
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_15 Datasheet
289Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
   8-Channel CMOS Analog Multiplexer
logo
NXP Semiconductors
74HC4051D NXP-74HC4051D Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
HEF4051B NEXPERIA-HEF4051B Datasheet
293Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 13 - 29 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com