Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

93-10-02 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza 93-10-02
Descripción Electrónicos  Add case outline M. Technical changes and corrections to table I. Editorial changes throughout.
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

93-10-02 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 93-10-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers 93-10-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers 93-10-02 Datasheet HTML 7Page - List of Unclassifed Manufacturers 93-10-02 Datasheet HTML 8Page - List of Unclassifed Manufacturers 93-10-02 Datasheet HTML 9Page - List of Unclassifed Manufacturers 93-10-02 Datasheet HTML 10Page - List of Unclassifed Manufacturers 93-10-02 Datasheet HTML 11Page - List of Unclassifed Manufacturers 93-10-02 Datasheet HTML 12Page - List of Unclassifed Manufacturers 93-10-02 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
77034
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
X
SHEET
9
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics - Continued.
Test
Symbol
Conditions
-55
°C ≤ T
A ≤ +125°C
IL = 8 mA
Group A
subgroups
Device
type
Limits
Unit
unless otherwise specified
Min
Max
Cases X, 2, 5, and 6 - Continued.
Line regulation 3/
RLINE
VOUT = VREF,
3.0 V
≤ V
DIFF ≤ 40 V
1
02
±9
mV
VOUT = VREF,
3.3 V
≤ V
DIFF ≤ 40 V
2,3
±23
VOUT = VREF,
1
±5
40 V
≤ V
DIFF ≤ 60 V
2,3
±10
Load regulation 1/
RLOAD
VDIFF = 3 V,
10 mA
≤ I
L ≤ 500 mA
1
02
±15
mV
VDIFF = 3.3 V,
10 mA
≤ I
L ≤ 500 mA
2,3
±15
VDIFF = 40V,
10 mA
≤ I
L ≤ 150 mA
1
±15
VDIFF = 40 V,
10 mA
≤ I
L ≤ 100 mA
2,3
±15
VDIFF = 60 V,
10 mA
≤ I
L ≤ 20 mA
1,2,3
±15
Thermal regulation
VRTH
VIN = 14.6 V,
IL = 300 mA, t = 20 ms,
PD = 4 W, TA = +25°C
1
02
±3.1
mV
Ripple rejection 2/
RN
f = 120 Hz, CADJ = 10 µF,
VOUT = VREF,
IOUT = 100 mA
4,5,6
02
66
dB
Adjustment pin current
IADJ
VDIFF = 3.0 V
1
02
100
µA
VDIFF = 3.3 V
2,3
100
VDIFF = 40 V
1,2,3
100
VDIFF = 60 V
1,2,3
100
See footnotes at end of table.


Número de pieza similar - 93-10-02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
93-11/B2C-AS1T2M/2T EVERLIGHT-93-11/B2C-AS1T2M/2T Datasheet
183Kb / 10P
   High Performance SMD White LED with Reflector
logo
OEN India Limited
93-1A-1210 OENINDIA-93-1A-1210 Datasheet
96Kb / 2P
   AUTOMOTIVE POWER RELAY
93-1A-1211 OENINDIA-93-1A-1211 Datasheet
96Kb / 2P
   AUTOMOTIVE POWER RELAY
93-1C-1210 OENINDIA-93-1C-1210 Datasheet
96Kb / 2P
   AUTOMOTIVE POWER RELAY
93-1C-1211 OENINDIA-93-1C-1211 Datasheet
96Kb / 2P
   AUTOMOTIVE POWER RELAY
More results

Descripción similar - 93-10-02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
5962-87719 AD-5962-87719 Datasheet
121Kb / 11P
   Add case outline 2 Editorial changes throughout
logo
PHOENIX CONTACT
1404984 PHOENIX-1404984 Datasheet
61Kb / 1P
   TECHNICAL CHANGES RESERVED
1405221 PHOENIX-1405221 Datasheet
88Kb / 1P
   TECHNICAL CHANGES RESERVED
1404974 PHOENIX-1404974 Datasheet
105Kb / 1P
   TECHNICAL CHANGES RESERVED
logo
Laird Tech Smart Techno...
BTM420 LSTD-BTM420 Datasheet
1Mb / 21P
   Changes and Revisions
logo
NXP Semiconductors
MC68HC11P2 NXP-MC68HC11P2 Datasheet
243Kb / 2P
   This addendum provides changes to the MC68HC11P2/MC68HC711P2 Technical Data
logo
Freescale Semiconductor...
MC908MR16CBE FREESCALE-MC908MR16CBE Datasheet
1Mb / 282P
   The following revision history table summarizes changes contained in this document.
logo
List of Unclassifed Man...
SDC-300 ETC2-SDC-300 Datasheet
36Kb / 1P
   Engineering Update w/o Changes
logo
Texas Instruments
TM4C1237H6PGE TI1-TM4C1237H6PGE Datasheet
6Mb / 1311P
[Old version datasheet]   The revision history table notes changes made between the indicated revisions of the
OMAP5912ZZG TI-OMAP5912ZZG Datasheet
2Mb / 269P
[Old version datasheet]   This data sheet revision history highlights the technical changes made to SPRS231D to generate SPRS231E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com