|
| HA17301P |
|
||
|
HITACHI |
|
6 page
HA17301P 6 Triangular Wave oscillator Triangular waveforms are usually acquired by integrating an alternating positive and negative DC voltage. Figure 4 shows the relation between the input and output in this circuit. − + − + C1 0.001 µF Vout1 Vout2 100 k Ω V + R1 1 M Ω VRE R2 500 k Ω R3 I − I + R4 1 M Ω R5 120 k Ω V + Figure 4 Triangular Wave Oscillator VOH VOL V02 I + I t −n TOH TOL Figure 5 Triangular Wave Generator Operation TOL = C1 R1 R3 VOH R5 (V + − V BE) (3) TOH = C1 R3 V + VOH R2 V+ − V BE R1 R5 − (4) Here, if R 1 = 2·R2, VOH = V +, and V+ > V BE, then: TOH + TOL = 2C1 R1 R3 R5 (5) |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| LF444 | Quad Low Power JFET Input Operational Amplifier | 1 2 3 4 5 More | National Semiconductor |
| LM6588 | TFT-LCD Quad 16V RRIO High Output Current Operational Amplifier | 1 2 3 4 5 More | National Semiconductor |
| LP124 | Micropower Quad Operational Amplifier | 1 2 3 4 5 More | National Semiconductor |
| WSL324RZ | LOW POWER QUAD OPERATIONAL AMPLIFIER | 1 2 3 4 | List of Unclassifed Manufacturers |
| OP471 | High Speed Low Noise Quad Operational Amplifier | 1 2 3 4 5 More | Analog Devices |
| KA248 | Quad Operational Amplifier | 1 2 3 4 5 More | Fairchild Semiconductor |
| OP490 | Low Voltage Micropower Quad Operational Amplifier | 1 2 3 4 5 More | Analog Devices |
| UPC324 | LOW POWER QUAD OPERATIONAL AMPLIFIER | 1 2 3 4 5 More | NEC |
| MAX408 | Single/Dual/Quad High-Speed Fast-Settling High Output Current Operational Amplifier | 1 2 3 4 5 More | Maxim Integrated Products |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |