Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF776E6327XT Datasheet(PDF) 3 Page - Infineon Technologies AG

No. de pieza BF776E6327XT
Descripción Electrónicos  High Performance NPN Bipolar RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF776E6327XT Datasheet(HTML) 3 Page - Infineon Technologies AG

  BF776E6327XT Datasheet HTML 1Page - Infineon Technologies AG BF776E6327XT Datasheet HTML 2Page - Infineon Technologies AG BF776E6327XT Datasheet HTML 3Page - Infineon Technologies AG BF776E6327XT Datasheet HTML 4Page - Infineon Technologies AG BF776E6327XT Datasheet HTML 5Page - Infineon Technologies AG BF776E6327XT Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2010-04-06
BF776
3
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics (verified by random sampling)
Transition frequency
IC = 30 mA, VCE = 3 V, f = 1 GHz
fT
-
46
-
GHz
Collector-base capacitance
VCB = 3 V, f = 1 MHz, VBE = 0 ,
emitter grounded
Ccb
-
0.09
-
pF
Collector emitter capacitance
VCE = 3 V, f = 1 MHz, VBE = 0 ,
base grounded
Cce
-
0.25
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz, VCB = 0 ,
collector grounded
Ceb
-
0.5
-
Noise figure
IC = 5 mA, VCE = 3 V, f = 1.8 GHz, ZS = ZSopt
IC = 5 mA, VCE = 3 V, f = 6 GHz, ZS = ZSopt
F
-
-
0.8
1.3
-
-
dB
Power gain, maximum stable1)
IC = 30 mA, VCE = 3 V, ZS = ZSopt,
ZL = ZLopt , f = 1.8 GHz
Gms
-
24
-
dB
Power gain, maximum available1)
IC = 30 mA, VCE = 3 V, ZS = ZSopt,
ZL = ZLopt, f = 6 GHz
Gma
-
12.5
-
dB
Transducer gain
IC = 30 mA, VCE = 3 V, ZS = ZL = 50 Ω,
f = 1.8 GHz
f = 6 GHz
|S21e|2
-
-
21.5
11
-
-
dB
Third order intercept point at output2)
VCE = 3 V, IC = 30 mA, ZS=ZL=50 Ω, f = 1.8 GHz
IP3
-
28
-
dBm
1dB Compression point at output
IC = 30 mA, VCE = 3 V, ZS=ZL=50 Ω, f = 1.8 GHz
P-1dB
-
13
-
1Gma = |S21e / S12e| (k-(k²-1)1/2), Gms = |S21e / S12e|
2IP3 value depends on termination of all intermodulation frequency components.
Termination used for this measurement is 50
from 0.1 MHz to 6 GHz


Número de pieza similar - BF776E6327XT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BF776-H6327 INFINEON-BF776-H6327 Datasheet
510Kb / 6P
   High Performance NPN Bipolar RF Transistor
2010-04-06
More results

Descripción similar - BF776E6327XT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BF888 INFINEON-BF888 Datasheet
508Kb / 5P
   High Performance Bipolar NPN RF Transistor
2010-04-06
BF776-H6327 INFINEON-BF776-H6327 Datasheet
510Kb / 6P
   High Performance NPN Bipolar RF Transistor
2010-04-06
BFR193E6327 INFINEON-BFR193E6327 Datasheet
514Kb / 6P
   NPN Bipolar RF Transistor
2012-08-09
BFP740FESD INFINEON-BFP740FESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.1, 2010-06-29
BFP640ESD INFINEON-BFP640ESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
BFP740ESD INFINEON-BFP740ESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
BFP720FESD INFINEON-BFP720FESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.1, 2010-06-29
BFP720ESD INFINEON-BFP720ESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
logo
eleflow technologies co...
MRF410 ELEFLOW-MRF410 Datasheet
92Kb / 1P
   NPN Bipolar RF power transistor
logo
Infineon Technologies A...
BFR740EL3 INFINEON-BFR740EL3 Datasheet
553Kb / 22P
   C NPN RF bipolar transistor
v1.0 2018-09-26
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com