Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE3210S01-T1 Datasheet(PDF) 10 Page - NEC

No. de pieza NE3210S01-T1
Descripción Electrónicos  X to Ku BAND SUPER LOW NOISE AMPLIFER N-CHANNEL HJ-FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

NE3210S01-T1 Datasheet(HTML) 10 Page - NEC

Back Button NE3210S01-T1 Datasheet HTML 6Page - NEC NE3210S01-T1 Datasheet HTML 7Page - NEC NE3210S01-T1 Datasheet HTML 8Page - NEC NE3210S01-T1 Datasheet HTML 9Page - NEC NE3210S01-T1 Datasheet HTML 10Page - NEC NE3210S01-T1 Datasheet HTML 11Page - NEC NE3210S01-T1 Datasheet HTML 12Page - NEC NE3210S01-T1 Datasheet HTML 13Page - NEC NE3210S01-T1 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet P14067EJ2V0DS00
10
NE3210S01
AMPLIFIER PARAMETERS
VDS = 0 V, VGS = –2.5 V
FREQUENCY
GUmax
GAmax
|S21|2
|S12|2
K
Delay
Mason’s U
G1
G2
MHz
dBdBdBdB
nsec
dBdB
dB
2000.0000
2500.0000
3000.0000
3500.0000
4000.0000
4500.0000
5000.0000
5500.0000
6000.0000
6500.0000
7000.0000
7500.0000
8000.0000
8500.0000
9000.0000
9500.0000
10000.0000
10500.0000
11000.0000
11500.0000
12000.0000
12500.0000
13000.0000
13500.0000
14000.0000
14500.0000
15000.0000
15500.0000
16000.0000
16500.0000
17000.0000
17500.0000
18000.0000
6.59
4.66
4.16
3.77
3.27
3.06
3.35
3.47
3.33
4.33
4.16
3.50
3.26
3.09
2.57
2.64
2.13
2.50
3.39
3.74
4.38
4.37
4.00
3.67
3.15
3.16
2.83
2.44
2.65
2.64
2.61
1.77
–0.05
–1.81
–2.29
–2.37
–2.45
–2.57
–2.59
–2.46
–2.35
–2.41
–2.04
–2.07
–2.14
–2.14
–2.15
–2.31
–2.21
–2.37
–2.17
–1.82
–1.63
–1.32
–1.23
–1.27
–1.30
–1.46
–1.48
–1.66
–1.92
–1.85
–2.01
–1.99
–2.46
–3.35
–27.69
–25.78
–24.10
–22.90
–21.96
–21.12
–20.43
–19.76
–19.10
–18.22
–17.36
–16.54
–15.68
–14.91
–14.16
–13.47
–13.01
–12.40
–11.86
–11.33
–10.79
–10.26
–9.79
–9.38
–9.22
–9.24
–9.54
–10.14
–10.64
–11.41
–12.01
–12.90
–14.05
–27.72
–25.76
–24.15
–22.89
–21.97
–21.17
–20.42
–19.86
–19.12
–18.27
–17.24
–16.59
–15.80
–15.00
–14.16
–13.52
–13.00
–12.44
–11.80
–11.29
–10.80
–10.32
–9.78
–9.42
–9.30
–9.24
–9.52
–10.09
–10.80
–11.43
–12.17
–12.88
–14.06
1.09
1.14
1.16
1.16
1.18
1.19
1.16
1.16
1.16
1.12
1.11
1.13
1.13
1.13
1.14
1.13
1.15
1.13
1.09
1.07
1.05
1.04
1.04
1.05
1.06
1.06
1.07
1.10
1.10
1.11
1.12
1.16
1.31
0.037
0.026
0.028
0.027
0.029
0.025
0.026
0.017
0.015
0.015
0.025
0.029
0.026
0.030
0.032
0.036
0.036
0.033
0.034
0.036
0.043
0.041
0.050
0.056
0.059
0.067
0.065
0.062
0.055
0.054
0.057
0.064
0.059
–41.579
–37.612
–32.931
–30.070
–46.684
–36.484
–36.357
–32.225
–46.847
–34.379
–30.925
–37.284
–31.894
–33.177
–60.851
–37.108
–47.342
–36.990
–33.577
–31.606
–33.886
–33.321
–40.261
–36.338
–31.349
–48.824
–38.005
–31.130
–27.440
–47.034
–28.001
–33.848
–33.797
18.66
15.91
14.46
13.70
13.12
12.23
11.96
11.57
11.70
11.37
10.93
9.90
9.67
9.30
8.60
8.25
7.79
7.72
7.81
7.62
7.37
7.42
7.08
6.61
6.12
6.09
6.02
6.05
6.21
6.65
6.14
6.18
5.71
15.62
14.53
13.79
12.97
12.12
11.95
11.82
11.66
10.73
11.18
10.58
10.14
9.28
8.70
8.13
7.87
7.36
7.18
7.45
7.45
7.79
7.22
6.71
6.44
6.25
6.31
6.35
6.53
7.08
7.40
8.48
8.49
8.29


Número de pieza similar - NE3210S01-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NE3210S01-T1 CEL-NE3210S01-T1 Datasheet
414Kb / 7P
   SUPER LOW NOISE HJ FET
logo
Renesas Technology Corp
NE3210S01-T1 RENESAS-NE3210S01-T1 Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
logo
California Eastern Labs
NE3210S01-T1B CEL-NE3210S01-T1B Datasheet
414Kb / 7P
   SUPER LOW NOISE HJ FET
logo
Renesas Technology Corp
NE3210S01-T1B RENESAS-NE3210S01-T1B Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
More results

Descripción similar - NE3210S01-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NE3511S02 CEL-NE3511S02 Datasheet
288Kb / 10P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210S01 NEC-NE4210S01 Datasheet
65Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3511S02 RENESAS-NE3511S02 Datasheet
210Kb / 11P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3515S02 RENESAS-NE3515S02 Datasheet
225Kb / 12P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3515S02-T1C-A CEL-NE3515S02-T1C-A Datasheet
415Kb / 9P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com