Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC05-24S12 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

No. de pieza FDC05-24S12
Descripción Electrónicos  5 WATTS DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  P-DUKE [Power Mate Technology Co., LTD]
Página de inicio  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FDC05-24S12 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FDC05-24S12 Datasheet HTML 1Page - Power Mate Technology Co., LTD FDC05-24S12 Datasheet HTML 2Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
www.pduke.com
2014/4/30
FDC05(W) SERIES
5 WATTS
DC-DC CONVERTER
FDC05-48S05 Derating Curve
FDC05-48S05 Derating Curve With Heat-sink (Note 8)
FDC05-48S05 Efficiency VS Input Voltage
FDC05-48S05 Efficiency VS Output Load
69
71
73
75
77
79
81
83
36
40
44
48
52
56
60
64
68
72
75
INPUT VOLTAGE(V)
50
55
60
65
70
75
80
85
10
20
30
40
50
60
70
80
90
100
% of FULL LOAD
PIN CONNECTION
PIN
SINGLE
DUAL
1
+INPUT
+INPUT
2
-INPUT
-INPUT
3
+OUTPUT
+OUTPUT
4
NO PIN
COMMON
5
-OUTPUT
-OUTPUT
6
CTRL (Option)
CTRL (Option)
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff
(4)
(%)
Capacitor
Load max
(5)
FDC05-12S33
9 ~ 18 VDC
3.3 VDC
0mA
1000mA
50mVp-p
10mA
76
3700µF
FDC05-12S05
9 ~ 18 VDC
5 VDC
0mA
1000mA
50mVp-p
10mA
79
1700µF
FDC05-12S12
9 ~ 18 VDC
12 VDC
0mA
470mA
50mVp-p
10mA
81
290µF
FDC05-12S15
9 ~ 18 VDC
15 VDC
0mA
400mA
50mVp-p
15mA
80
188µF
FDC05-12D05
9 ~ 18 VDC
± 5 VDC
0mA
± 500mA
50mVp-p
20mA
79
± 850µF
FDC05-12D12
9 ~ 18 VDC
± 12 VDC
0mA
± 230mA
50mVp-p
15mA
81
± 140µF
FDC05-12D15
9 ~ 18 VDC
± 15 VDC
0mA
± 190mA
50mVp-p
20mA
82
± 47µF
FDC05-24S33 (W)
18 ~ 36 (9 ~ 36) VDC
3.3 VDC
0mA
1000mA
50mVp-p
15(5mA)
73 (77)
3700µF
FDC05-24S05 (W)
18 ~ 36 (9 ~ 36) VDC
5 VDC
0mA
1000mA
50mVp-p
15(5mA)
78 (80)
1700µF
FDC05-24S12 (W)
18 ~ 36 (9 ~ 36) VDC
12 VDC
0mA
470mA
50mVp-p
10(5mA)
81 (82)
290µF
FDC05-24S15 (W)
18 ~ 36 (9 ~ 36) VDC
15 VDC
0mA
400mA
50mVp-p
20(5mA)
81 (81)
188µF
FDC05-24D05 (W)
18 ~ 36 (9 ~ 36) VDC
± 5 VDC
0mA
± 500mA
50mVp-p
15(5mA)
79 (80)
± 850µF
FDC05-24D12 (W)
18 ~ 36 (9 ~ 36) VDC
± 12 VDC
0mA
± 230mA
50mVp-p
20(5mA)
82 (82)
± 140µF
FDC05-24D15 (W)
18 ~ 36 (9 ~ 36) VDC
± 15 VDC
0mA
± 190mA
50mVp-p
20(10mA)
81 (83)
± 47µF
FDC05-48S33 (W)
36 ~ 75 (18 ~ 75) VDC
3.3 VDC
0mA
1000mA
50mVp-p
5(5mA)
73 (73)
3700µF
FDC05-48S05 (W)
36 ~ 75 (18 ~ 75) VDC
5 VDC
0mA
1000mA
50mVp-p
10(10mA)
76 (76)
1700µF
FDC05-48S12 (W)
36 ~ 75 (18 ~ 75) VDC
12 VDC
0mA
470mA
50mVp-p
10(10mA)
82 (82)
290µF
FDC05-48S15 (W)
36 ~ 75 (18 ~ 75) VDC
15 VDC
0mA
400mA
50mVp-p
10(10mA)
82 (81)
188µF
FDC05-48D05 (W)
36 ~ 75 (18 ~ 75) VDC
± 5 VDC
0mA
± 500mA
50mVp-p
10(5mA)
78 (78)
± 850µF
FDC05-48D12 (W)
36 ~ 75 (18 ~ 75) VDC
± 12 VDC
0mA
± 230mA
50mVp-p
10(10mA)
81 (81)
± 140µF
FDC05-48D15 (W)
36 ~ 75 (18 ~ 75) VDC
± 15 VDC
0mA
± 190mA
50mVp-p
10(10mA)
81 (81)
± 47µF
1. All dimensions in Inch (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01 (0.25)
3. Pin dimension tolerance ±0.004 (0.1)
Note
1.
MIL-HDBK-217F @Ta=25 ºC, Full load.
2.
Typical value at nominal input and full load. (20MHz BW.)
3.
Typical value at nominal input and no load.
4.
Typical value at nominal input and full load.
5.
Test by minimum input and constant resistive load.
6.
The CTRL pin voltage is referenced to -INPUT
To order positive logic ON/OFF control add the suffix-P (Ex: FDC05-48S05-P)
To order negative logic ON/OFF control add the suffix-N (Ex: FDC05-48S05-N)
7.
M1 version is more efficient, therefore, it can be operated in a more extensive temperature range
than standard and M2 version.
8.
Heat-sink is optional and P/N: 7G-0020C-F.
9.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Número de pieza similar - FDC05-24S12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FDC05-24S12 ETC1-FDC05-24S12 Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FDC05-24S12 ASTRODYNE-FDC05-24S12 Datasheet
368Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC05-24S12 P-DUKE-FDC05-24S12 Datasheet
210Kb / 2P
   5 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FDC05-24S12 ASTRODYNE-FDC05-24S12 Datasheet
201Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
FDC05-24S12W ETC1-FDC05-24S12W Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
More results

Descripción similar - FDC05-24S12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Mate Technology C...
PFKC05 P-DUKE-PFKC05_14 Datasheet
1Mb / 3P
   5 WATTS DC-DC CONVERTER
logo
C&D Technologies
PWR7004AC CANDD-PWR7004AC Datasheet
200Kb / 3P
   5 WATTS REGULATED DC/DC CONVERTER
logo
Wall Industries,Inc.
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
XP Power Limited
RDF50 XPPOWER-RDF50 Datasheet
638Kb / 5P
   DC-DC Converter 50 Watts
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com