Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCD30-48S15W Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

No. de pieza LCD30-48S15W
Descripción Electrónicos  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  P-DUKE [Power Mate Technology Co., LTD]
Página de inicio  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LCD30-48S15W Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  LCD30-48S15W Datasheet HTML 1Page - Power Mate Technology Co., LTD LCD30-48S15W Datasheet HTML 2Page - Power Mate Technology Co., LTD LCD30-48S15W Datasheet HTML 3Page - Power Mate Technology Co., LTD LCD30-48S15W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LCD30W
3
www.PDUKE.com
2014/04/30
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating ambient temperature
Without derating
With derating
-40
+50
+50
+100
Maximum case temperature
105
Over temperature protection
115
Storage temperature range
-55
+125
Thermal impedance
Vertical direction by natural convection (20LFM)
Without heat-sink
With heat-sink
15.0
13.8
℃/W
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI (3)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air ± 8kV and Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (4)
EN61000-4-4
± 2kV
Perf. Criteria A
Surge (4)
EN61000-4-5
± 2kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
Note:
1.
Test by minimum input and constant resistive load.
2.
Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an external
resistor between the Trim pin and either +Vout pin or -Vout pin.
3.
The standard modules meet EN55022 Class A and Class B with external components. For further information, please contact with P-DUKE.
4.
The external input components are required if the module has to meet EN61000-4-4, EN61000-4-5.
The LCD30-24XXXW recommended an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS
(SMDJ58A, 58V, 3000Watt peak pulse power) to connect in parallel.
The LCD30-48XXXW recommended an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V).
CAUTION: This power module is not internally fused. An input line fuse must always be used.
CHARACTERISTIC CURVE
LCD30-48S05W Derating Curve
LCD30-48S05W Derating Curve With Heat-sink
LCD30-48S05W Efficiency vs. Input Voltage
LCD30-48S05W Efficiency vs. Output Load


Número de pieza similar - LCD30-48S15W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Mate Technology C...
LCD30-48S15 P-DUKE-LCD30-48S15 Datasheet
493Kb / 4P
   DC-DC CONVERTER
More results

Descripción similar - LCD30-48S15W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com