Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE33284 Datasheet(PDF) 4 Page - NEC

No. de pieza NE33284
Descripción Electrónicos  L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

NE33284 Datasheet(HTML) 4 Page - NEC

  NE33284 Datasheet HTML 1Page - NEC NE33284 Datasheet HTML 2Page - NEC NE33284 Datasheet HTML 3Page - NEC NE33284 Datasheet HTML 4Page - NEC NE33284 Datasheet HTML 5Page - NEC NE33284 Datasheet HTML 6Page - NEC NE33284 Datasheet HTML 7Page - NEC NE33284 Datasheet HTML 8Page - NEC NE33284 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NE33284A
4
S-Parameters
VDS = 2 V, ID = 10 mA
START 500 MHz, STOP 18 GHz, STEP 500 MHz
S11
1.0
0.5
0
–0.5
–1.0
–2.0
5
4
1.0
2.0
2.0
0.5
2
1
Rmax. = 1
3
S12
±180˚
–90˚
–45˚
0
+45˚
Rmax. = 0.25
3
4
5
+135˚
–135˚
Marker
1:
2:
3:
4:
5:
4 GHz
8 GHz
12 GHz
16 GHz
18 GHz
S22
1.0
0.5
0
–0.5
–1.0
–2.0
2.0
2
1
Rmax. = 1
3
S21
±180˚
–90˚
–45˚
0
+45˚
Rmax. = 7.5
1
2
4
+135˚
–135˚
+90˚
+90˚
3
1
2
5
5
4


Número de pieza similar - NE33284

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
NE33284A-T1 NEC-NE33284A-T1 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE33284A-T1 CEL-NE33284A-T1 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284AS NEC-NE33284AS Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
More results

Descripción similar - NE33284

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NE3511S02 CEL-NE3511S02 Datasheet
288Kb / 10P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210S01 NEC-NE4210S01 Datasheet
65Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3511S02 RENESAS-NE3511S02 Datasheet
210Kb / 11P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3515S02 RENESAS-NE3515S02 Datasheet
225Kb / 12P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3515S02-T1C-A CEL-NE3515S02-T1C-A Datasheet
415Kb / 9P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com