|
| HD74HC05 |
|
||
|
HITACHI |
|
3 page
Hitachi Code JEDEC EIAJ Weight (reference value) DP-14 Conforms Conforms 0.97 g Unit: mm 7.62 0.25 0 ° – 15° 19.20 20.32 Max 1 8 14 7 1.30 2.54 ± 0.25 0.48 ± 0.10 + 0.10 – 0.05 2.39 Max |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| HD74LV05A | Hex Inverters with Open Drain Outputs | 1 2 3 4 5 More | Hitachi Semiconductor |
| ACS05MS | Radiation Hardened Hex Inverter with Open Drain Outputs | 1 2 | Intersil Corporation |
| 74AC05 | Hex Inverter with Open Drain Outputs | 1 2 3 4 | Fairchild Semiconductor |
| MC74LCX06 | Low-Voltage CMOS Hex Inverter with Open Drain Outputs | 1 2 3 4 5 More | ON Semiconductor |
| 74LCX06 | Low Voltage Hex Inverter/Buffer with Open Drain Outputs | 1 2 3 4 5 More | Fairchild Semiconductor |
| 74LCX07 | Low Voltage Hex Buffer with Open Drain Outputs | 1 2 3 4 5 More | Fairchild Semiconductor |
| SN54LV07A | HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS | 1 2 3 4 5 More | Texas Instruments |
| 54AC05 | Hex Inverter with Open Drain Outputs | 1 2 3 4 5 More | National Semiconductor |
| MC74LCX07 | Low-Voltage CMOS Hex Buffer with Open Drain Outputs | 1 2 3 4 5 More | ON Semiconductor |
| TC74LCX07FT | Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs open drain | 1 2 3 4 5 More | Toshiba Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |