Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF640NSRPBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF640NSRPBF
Descripción Electrónicos  Advanced Process Technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF640NSRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF640NSRPBF Datasheet HTML 1Page - International Rectifier IRF640NSRPBF Datasheet HTML 2Page - International Rectifier IRF640NSRPBF Datasheet HTML 3Page - International Rectifier IRF640NSRPBF Datasheet HTML 4Page - International Rectifier IRF640NSRPBF Datasheet HTML 5Page - International Rectifier IRF640NSRPBF Datasheet HTML 6Page - International Rectifier IRF640NSRPBF Datasheet HTML 7Page - International Rectifier IRF640NSRPBF Datasheet HTML 8Page - International Rectifier IRF640NSRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HEXFET® Power MOSFET
10/08/04
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
18
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
13
A
IDM
Pulsed Drain Current

72
PD @TC = 25°C
Power Dissipation
150
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
247
mJ
IAR
Avalanche Current

18
A
EAR
Repetitive Avalanche Energy

15
mJ
dv/dt
Peak Diode Recovery dv/dt
†
8.1
V/ns
TJ
Operating Junction and
-55 to +175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
„
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Description
VDSS = 200V
RDS(on) = 0.15Ω
ID = 18A
S
D
G
l Advanced Process Technology
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Ease of Paralleling
l Simple Drive Requirements
D2Pak
IRF640NS
TO-220AB
IRF640N
TO-262
IRF640NL
IRF640N
IRF640NS
IRF640NL
Fifth Generation HEXFET® Power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low
on-resistance per
silicon area. This benefit, combined with the fast switching
speed and ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer with an
extremely efficient and reliable device for use in a wide
variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation levels
to approximately 50 watts. The low thermal resistance and
low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of its
low internal connection resistance and can dissipate up to
2.0W in a typical surface mount application.
The through-hole version (IRF640NL) is available for low-
profile application.
www.irf.com
1
PD - 94006A


Número de pieza similar - IRF640NSRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF640NS IRF-IRF640NS Datasheet
155Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
logo
Fairchild Semiconductor
IRF640NS FAIRCHILD-IRF640NS Datasheet
160Kb / 11P
   N-Channel Power MOSFETs 200V, 18A, 0.15ohm
logo
International Rectifier
IRF640NS IRF-IRF640NS Datasheet
240Kb / 11P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
logo
International Rectifier
IRF640NSPBF IRF-IRF640NSPBF Datasheet
300Kb / 12P
   HEXFET짰 Power MOSFET
More results

Descripción similar - IRF640NSRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com