Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KDA-E4E Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza KDA-E4E
Descripción Electrónicos  RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

KDA-E4E Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KDA-E4E Datasheet HTML 1Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 2Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 3Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 4Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 5Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 6Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 7Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 8Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NOTES
SERIES KDA
[1] Standard Intermediate current test applicable.
[2] For full rated load, max. temp. and altitude use no. 12 wire or larger.
Relays to be mounted to limit mounting bracket temp. to 135° C.
[3] DC inductive load 10,000 cycles. AC inductive load 20,000 cycles.
[4] Dielectric of auxiliary contact gap after life tests: 750 Vrms.
[5] 500 Vrms with silicone gasket compressed, 350 Vrms all other conditions.
6. Reference military specification: MIL-PRF-6106, and MIL-PRF-6106/13.
7. Special models available: dry circuit, established reliability testing, etc.
[8] Applicable to power contacts only.
[9] 60 Hz load life, 10,000 cycles.
[10] Time current relay characteristics per MIL-PRF-6106.
[11] Temperature range:
Non-operating -62°C to +95°C
Operating -54°C to +71°C
NUMBERING SYSTEM
KDA- A
4
F
Basic series designation__________________________|
|
|
|
1-Mounting Style (A,D,E,J)____________________________|
|
|
2-Terminal Types (1,2,4) [1]______________________________|
|
3-Coil Voltage see coil characteristics (E,F,J,K or T)________|
MOUNTING STYLES
Date of issue: 07/10
- 169 -
Page 3 of 4
MOUNTING STYLE A
1.015
1.000
1.015
1.396
1.718 MAX
1.446
1.015
MOUNTING STYLE D
.937
3 PLACES
1.015
.150
.040
.156
.625
.312
6 PLACES
FULL R
1.000
MOUNTING STYLE E
1.718 MAX
.150 TYP
.937
1.446
.625
1.015
.040
1.015
1.396
.156
FULL R
8 PLACES
1.000
1.446
1.015
1.718 MAX
1.396
MOUNTING STYLE J
.040
.937
1.015
1.015
8 PLACES
FULL R
.625
4 PLACES
.150
(THIS MOUNT WILL NOT
MATE WITH LEACH SOCKET)


Número de pieza similar - KDA-E4E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leach International Cor...
KDA-E4E LEACH-KDA-E4E Datasheet
384Kb / 5P
   RELAY – NONLATCH 3PST/NO AUX, 25 AMP
More results

Descripción similar - KDA-E4E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
KD-D4N-103 ETC2-KD-D4N-103 Datasheet
773Kb / 13P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KD-J2A-002 ETC2-KD-J2A-002 Datasheet
773Kb / 13P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
logo
Leach International Cor...
9339 LEACH-9339 Datasheet
505Kb / 5P
   RELAY – NONLATCH 25 AMP, 3PST/NO AUX
KDA LEACH-KDA Datasheet
384Kb / 5P
   RELAY – NONLATCH 3PST/NO AUX, 25 AMP
KD-A4A LEACH-KD-A4A Datasheet
640Kb / 5P
   RELAY – NONLATCH 3PST/NOAUX, 25 AMP
KXD LEACH-KXD Datasheet
554Kb / 5P
   RELAY NONLATCH 1 PST/NO (DM) AUX / 75 AMP
KXX5A LEACH-KXX5A Datasheet
783Kb / 6P
   RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
9324 LEACH-9324 Datasheet
484Kb / 4P
   RELAY NONLATCH 3PST/NO, 25 AMP
logo
List of Unclassifed Man...
KC-D1A-300L ETC2-KC-D1A-300L Datasheet
759Kb / 13P
   RELAY - NONLATCH 3 PDT, 25 AMP
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
   RELAY - NONLATCH 3 PDT, 25 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com