Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD1440 Datasheet(PDF) 1 Page - Honeywell Accelerometers |
|
SD1440 Datasheet(HTML) 1 Page - Honeywell Accelerometers |
1 / 4 page Silicon Phototransistor SD1440 DESCRIPTION FEATURES Compact, metal can coaxial package • 24¡ (nominal) acceptance angle • Wide sensitivity ranges • Wide operating temperature range (- 55¡C to +125¡C) • Mechanically and spectrally matched to SE1450 and SE1470 infrared emitting diodes • The SD1440 is an NPN silicon phototransistor mounted in a glass lensed metal can coaxial package. The package may have a tab or second lead welded to the can as an optional feature (SD1440-XXXL). Both leads are flexible and may be formed to fit various mounting configurations. INFRA-63.TIF OUTLINE DIMENSIONS in inches (mm) 3 plc decimals ±0.005(0.12) Tolerance 2 plc decimals ±0.020(0.51) .106(2.69) DIA .076(1.93) COLLECTOR EMITTER MIN .095(2.41) DIA .020(0.51) DIA .091(2.26) .079(2.01) .062(1.57) DIA 1.000(25.40) .122(3.10) .010(0.25) DIM_12a.ds4 SD1440-XXX .106(2.69) DIA .076(1.93) COLLECTOR EMITTER .095(2.41) DIA .020 (0.51) DIA .091(2.26) .079(2.01) .062(1.57) DIA .122(3.10) .010(0.25) .020 (0.51) DIA ~ ~ ~ ~ TYPICAL MIN 1.000(25.40) DIM_12b.ds4 SD1440-XXXL Honeywell reserves the right to make changes in order to improve design and supply the best products possible. h 100 |
Número de pieza similar - SD1440 |
|
Descripción similar - SD1440 |