Nombre de pieza
         Descripción
HD74LV04A

 Hex Inverters ( 13 Page)


HITACHI
100% 
Zoom Out Zoom In
 6 page
background image
HD74LV04A
6
DC Electrical Characteristics
• Ta = –40 to 85°C
Item
Symbol
V
CC (V)*
Min
Typ
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
1.5
V
2.3 to 2.7
V
CC × 0.7
3.0 to 3.6
V
CC × 0.7
4.5 to 5.5
V
CC × 0.7
V
IL
2.0
0.5
2.3 to 2.7
V
CC × 0.3
3.0 to 3.6
V
CC × 0.3
4.5 to 5.5
V
CC × 0.3
Output voltage
V
OH
Min to
Max
V
CC – 0.1
V
I
OH = –50 µA
2.3
2.0
I
OH = –2 mA
3.0
2.48
I
OH = –6 mA
4.5
3.8
I
OH = –12 mA
V
OL
Min to
Max
0.1
I
OL = 50 µA
2.3
0.4
I
OL = 2 mA
3.0
0.44
I
OL = 6 mA
4.5
0.55
I
OL = 12 mA
Input current
I
IN
0 to 5.5
±1
µAV
IN = 5.5 V or GND
Quiescent
supply current
I
CC
5.5
20
µAV
IN = VCC or GND, IO = 0
Output leakage
current
I
OFF
0—
5
µAV
O = 5.5 V
Input
capacitance
C
IN
3.3
2.3
pF
V
I = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating
conditions.
1  2  3  4  5  6  7  8  9  10  11  12  13 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SN54F04HEX INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54LV14AHEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
HD74LV05AHex Inverters with Open Drain Outputs 1 2 3 4 5 MoreHitachi Semiconductor
SN54AHCT04HEX INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54HC04HEX INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54AHCT14HEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54HC05HEX INVERTERS WITH OPEN-DRAIN OUTPUTS 1 2 3 4 Texas Instruments
SN54LVC41AHEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54HC14HEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54LVC04AHEX INVERTERS 1 2 3 4 5 MoreTexas Instruments

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl