|
| HD74LV05A |
|
||
|
HITACHI |
|
6 page
HD74LV05A 6 Switching Characteristics • V CC = 2.5 ± 0.2 V Ta = 25 °C Ta = –40 to 85 °C Item Symbol Min Typ Max Min Max Unit Test Conditions FROM (Input) TO (Output) Propagation t PLH — 4.7 10.4 1.0 13.0 ns C L = 15 pF A Y delay time — 9.5 15.2 1.0 18.0 C L = 50 pF t PHL — 5.4 10.4 1.0 13.0 C L = 15 pF — 7.9 15.2 1.0 18.0 C L = 50 pF • V CC = 3.3 ± 0.3 V Ta = 25 °C Ta = –40 to 85 °C Item Symbol Min Typ Max Min Max Unit Test Conditions FROM (Input) TO (Output) Propagation t PLH — 4.0 7.1 1.0 8.5 ns C L = 15 pF A Y delay time — 7.3 10.6 1.0 12.0 C L = 50 pF t PHL — 4.3 7.1 1.0 8.5 C L = 15 pF — 5.8 10.6 1.0 12.0 C L = 50 pF • V CC = 5.0 ± 0.5 V Ta = 25 °C Ta = –40 to 85 °C Item Symbol Min Typ Max Min Max Unit Test Conditions FROM (Input) TO (Output) Propagation t PLH — 3.3 5.5 1.0 6.5 ns C L = 15 pF A Y delay time — 5.6 7.5 1.0 8.5 C L = 50 pF t PHL — 3.4 5.5 1.0 6.5 C L = 15 pF — 4.1 7.5 1.0 8.5 C L = 50 pF |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| HD74HC05 | Hex Inverters with Open Drain Outputs | 1 2 3 4 5 More | Hitachi Semiconductor |
| ACS05MS | Radiation Hardened Hex Inverter with Open Drain Outputs | 1 2 | Intersil Corporation |
| 74AC05 | Hex Inverter with Open Drain Outputs | 1 2 3 4 | Fairchild Semiconductor |
| MC74LCX06 | Low-Voltage CMOS Hex Inverter with Open Drain Outputs | 1 2 3 4 5 More | ON Semiconductor |
| 74LCX06 | Low Voltage Hex Inverter/Buffer with Open Drain Outputs | 1 2 3 4 5 More | Fairchild Semiconductor |
| 74LCX07 | Low Voltage Hex Buffer with Open Drain Outputs | 1 2 3 4 5 More | Fairchild Semiconductor |
| SN54LV07A | HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS | 1 2 3 4 5 More | Texas Instruments |
| 54AC05 | Hex Inverter with Open Drain Outputs | 1 2 3 4 5 More | National Semiconductor |
| MC74LCX07 | Low-Voltage CMOS Hex Buffer with Open Drain Outputs | 1 2 3 4 5 More | ON Semiconductor |
| TC74LCX07FT | Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs open drain | 1 2 3 4 5 More | Toshiba Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |