|
| HD74LV05A |
|
||
|
HITACHI |
|
3 page
HD74LV05A 3 Absolute Maximum Ratings Item Symbol Ratings Unit Conditions Supply voltage range V CC –0.5 to 7.0 V Input voltage range* 1 V I –0.5 to 7.0 V Output voltage range* 1, 2 V O –0.5 to V CC + 0.5 V Output: H or L –0.5 to 7.0 V CC: OFF Input clamp current I IK –20 mA V I < 0 Output clamp current I OK –50 mA V O < 0 Continuous output current I O 25 mA V O = 0 to VCC Continuous current through V CC or GND I CC or IGND ±50 mA Maximum power dissipation at Ta = 25 °C (in still air)*3 P T 785 mW SOP 500 TSSOP Storage temperature Tstg –65 to 150 °C Notes: The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 5.5 V maximum. 3. The maximum package power dissipation was calculated using a junction temperature of 150 °C. |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| HD74HC05 | Hex Inverters with Open Drain Outputs | 1 2 3 4 5 More | Hitachi Semiconductor |
| ACS05MS | Radiation Hardened Hex Inverter with Open Drain Outputs | 1 2 | Intersil Corporation |
| 74AC05 | Hex Inverter with Open Drain Outputs | 1 2 3 4 | Fairchild Semiconductor |
| MC74LCX06 | Low-Voltage CMOS Hex Inverter with Open Drain Outputs | 1 2 3 4 5 More | ON Semiconductor |
| 74LCX06 | Low Voltage Hex Inverter/Buffer with Open Drain Outputs | 1 2 3 4 5 More | Fairchild Semiconductor |
| 74LCX07 | Low Voltage Hex Buffer with Open Drain Outputs | 1 2 3 4 5 More | Fairchild Semiconductor |
| SN54LV07A | HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS | 1 2 3 4 5 More | Texas Instruments |
| 54AC05 | Hex Inverter with Open Drain Outputs | 1 2 3 4 5 More | National Semiconductor |
| MC74LCX07 | Low-Voltage CMOS Hex Buffer with Open Drain Outputs | 1 2 3 4 5 More | ON Semiconductor |
| TC74LCX07FT | Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs open drain | 1 2 3 4 5 More | Toshiba Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |