Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD1104 Datasheet(PDF) 2 Page - E-SWITCH

No. de pieza TD1104
Descripción Electrónicos  SERIES TD SWITCHES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  E-SWITCH [E-SWITCH]
Página de inicio  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TD1104 Datasheet(HTML) 2 Page - E-SWITCH

  TD1104 Datasheet HTML 1Page - E-SWITCH TD1104 Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.e-switch.com
info@e-switch.com
237
P.C. MOUNTING
TD
MATERIALS
Housing:
4/6 Nylon
Cover:
6/6 Nylon
Actuator:
6/6 Nylon
Brackets:
Tin-plated steel
Contacts:
Silver-plated phospor bronze
Terminals:
Silver-plated brass
1105 A
SCHEMATIC
SPECIFICATIONS
Ratings:
100mA @ 30 VDC
Life Expectancy:
50,000 cycles typical
Contact Resistance:
1 Ω max.
Operating Force:
36 gf max.
P.C. MOUNTING
MATERIALS
Housing:
4/6 Nylon
Cover:
6/6 Nylon
Actuator:
6/6 Nylon
Brackets:
Tin-plated steel
Contacts:
Silver-plated phospor bronze
Terminals:
Silver-plated brass
SCHEMATIC
SPECIFICATIONS
Ratings:
100mA @ 30 VDC
Life Expectancy:
50,000 cycles typical
Contact Resistance:
1 Ω max.
Operating Force:
36 gf max.
1105 B


Número de pieza similar - TD1104

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tumbler Technologies + ...
TD110 TRUMPOWER-TD110 Datasheet
292Kb / 3P
   110 WATT DC/DC CONVERTERS
TD110-D23 TRUMPOWER-TD110-D23 Datasheet
292Kb / 3P
   110 WATT DC/DC CONVERTERS
TD110-Q40 TRUMPOWER-TD110-Q40 Datasheet
292Kb / 3P
   110 WATT DC/DC CONVERTERS
TD110-Q41 TRUMPOWER-TD110-Q41 Datasheet
292Kb / 3P
   110 WATT DC/DC CONVERTERS
TD110-Q42 TRUMPOWER-TD110-Q42 Datasheet
292Kb / 3P
   110 WATT DC/DC CONVERTERS
More results

Descripción similar - TD1104

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
FAR-F6KA-2G0175-D4DR FUJITSU-FAR-F6KA-2G0175-D4DR Datasheet
201Kb / 5P
   TD-SCDMA
logo
RF Micro Devices
RF9812 RFMD-RF9812 Datasheet
181Kb / 2P
   TD-SCDMA Compliant
logo
Murata Manufacturing Co...
SAFEA2G01MA0F0A MURATA1-SAFEA2G01MA0F0A Datasheet
276Kb / 8P
   SAW FILTER FOR TD-SCDMA/TD-LTE B34 (Post-PA)
Feb. 11, 2020
logo
Keysight Technologies
M9079A KEYSIGHT-M9079A Datasheet
3Mb / 9P
   M9079A TD-SCDMA
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7886 AVAGO-ACPM-7886 Datasheet
355Kb / 14P
   TD-SCDMA Power Amplifier
logo
Agilent(Hewlett-Packard...
E6835A HP-E6835A Datasheet
224Kb / 4P
   TD-SCDMA Calibration Application
logo
EPCOS
B5140 EPCOS-B5140 Datasheet
76Kb / 8P
   SAW filter TD-SCDMA
logo
TriQuint Semiconductor
TQM6M9098 TRIQUINT-TQM6M9098_15 Datasheet
123Kb / 1P
   TD-WEDGE Transmit Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7886 AVAGO-ACPM-7886_09 Datasheet
380Kb / 14P
   TD-SCDMA Power Amplifier
logo
EPCOS
B5062 EPCOS-B5062 Datasheet
69Kb / 7P
   SAW IF filter TD-SCDMA
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com