Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP302C-Q1 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TMP302C-Q1
Descripción Electrónicos  TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP302C-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP302C-Q1 Datasheet HTML 5Page - Texas Instruments TMP302C-Q1 Datasheet HTML 6Page - Texas Instruments TMP302C-Q1 Datasheet HTML 7Page - Texas Instruments TMP302C-Q1 Datasheet HTML 8Page - Texas Instruments TMP302C-Q1 Datasheet HTML 9Page - Texas Instruments TMP302C-Q1 Datasheet HTML 10Page - Texas Instruments TMP302C-Q1 Datasheet HTML 11Page - Texas Instruments TMP302C-Q1 Datasheet HTML 12Page - Texas Instruments TMP302C-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TMP302x-Q1
TRIPSET0
TRIPSET1
HYSTSET
GND
VS
OUT
0.1 µF
OUTPUT
VS
1.4 V to 3.6 V
10 k
TMP302A-Q1, TMP302B-Q1, TMP302C-Q1, TMP302D-Q1
www.ti.com
SLOS889A – OCTOBER 2014 – REVISED NOVEMBER 2014
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Configuring the TMP302x-Q1
The TMP302x-Q1 family of devices is simple to configure. The only external components that the device requires
are a bypass capacitor and pullup resistor. Power-supply bypassing is strongly recommended. Use a 0.1-µF
capacitor placed as close as possible to the supply pin. To minimize the internal power dissipation of the
TMP302x-Q1 family of devices, use a pullup resistor value greater than 10 k
Ω from the OUT pin to the VS pin.
Refer to Table 1 for trip-point temperature configuration. The TRIPSET pins can be toggled dynamically;
however, the voltage of these pins must not exceed VS. To ensure a proper logic high, the voltage must not drop
below 0.7 V × VS.
9.2 Typical Application
Figure 10 shows the typical circuit configuration for the TMP302x-Q1 family of devices. The TMP302x-Q1 family
of devices is configured for the default temperature threshold by connecting the TRIPSET0 and TRIPSET1 pins
directly to ground. Connecting the HYSTSET pin to ground configures the device for 5°C of hysteresis. Place a
10-k
Ω pullup resistor between the OUT and VS pins. Place a 0.1-µF bypass capacitor between the VS pin and
ground, close to the TMP302x-Q1 device.
Figure 10. TMP302x-Q1 Typical Application Schematic
Figure 11 shows the most generic implementation of the TMP302x-Q1 family of devices. Switches are shown
connecting the TMPSET0, TMPSET1 and HYSTSET pins to either VS or ground. The use of switches is not
strictly required; the switches are shown only to illustrate the various pin connection combinations. In practice,
connecting the TMPSET0, TMPSET1 and HYSTSET pins to ground or directly to the VS pin is sufficient and
minimizes space and cost. If additional flexibility is desired, connections from the TMPSET0, TMPSET1 and
HYSTSET pins can be made through 0-
Ω resistors which can be either populated or not populated depending
upon the desired connection.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TMP302A-Q1 TMP302B-Q1 TMP302C-Q1 TMP302D-Q1


Número de pieza similar - TMP302C-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
More results

Descripción similar - TMP302C-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
RT9481 RICHTEK-RT9481 Datasheet
1Mb / 41P
   Easy to Use Power Bank Solution
RT9483 RICHTEK-RT9483 Datasheet
187Kb / 16P
   Easy to Use Power Bank Solution
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com