Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NEZ7785-15D Datasheet(PDF) 1 Page - NEC

No. de pieza NEZ7785-15D
Descripción Electrónicos  15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

NEZ7785-15D Datasheet(HTML) 1 Page - NEC

  NEZ7785-15D Datasheet HTML 1Page - NEC NEZ7785-15D Datasheet HTML 2Page - NEC NEZ7785-15D Datasheet HTML 3Page - NEC NEZ7785-15D Datasheet HTML 4Page - NEC NEZ7785-15D Datasheet HTML 5Page - NEC NEZ7785-15D Datasheet HTML 6Page - NEC NEZ7785-15D Datasheet HTML 7Page - NEC NEZ7785-15D Datasheet HTML 8Page - NEC NEZ7785-15D Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1996
PRELIMINARY DATA SHEET
GaAs MES FET
15 W C-BAND POWER GaAs FET NEZ SERIES
15 W C-BAND POWER GaAs FET
N-CHANNEL GaAs MES FET
DESCRIPTION
The NEZ Series of microwave power GaAs FETs offer
high output power, high gain and high efficiency at C-band
for microwave and satellite communications.
Internal input and output circuits matched to 50
Ω are
designed to provide good flatness of gain and output
power in allocated band.
To reduce the thermal resistance, the device has a
PHS (Plated Heat Sink) structure.
NEC’s strigent quality assurance and test procedures
guarantee the highest reliability and performance.
SELECTION CHART
NEZ PART NUMBER
FREQUENCY BAND (GHz)
NEZ3642-15D, 15DD
3.6 to 4.2
NEZ4450-15D, 15DD
4.4 to 5.0
NEZ5964-15D, 15DD
5.9 to 6.45
NEZ6472-15D, 15DD
6.4 to 7.2
NEZ7785-15D
7.7 to 8.5
FEATURES
Internally matched to 50
High power output
High linear gain
High reliability
Low distortion
Document No. P10982EJ1V0DS00 (1st edition)
Date Published June 1996 P
Printed in Japan
PACKAGE DIMENSIONS (unit: mm)
C1.0 4PLACES
R1.2 4PLACES
SOURCE
0.5 ±0.1
20.4 ±0.2
20.4 ±0.3
DRAIN
GATE
16.0
16.0


Número de pieza similar - NEZ7785-15D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NEZ7785-4D NEC-NEZ7785-4D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ7785-4DD NEC-NEZ7785-4DD Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ7785-8D NEC-NEZ7785-8D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ7785-8DD NEC-NEZ7785-8DD Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
More results

Descripción similar - NEZ7785-15D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-4D NEC-NEZ3642-4D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com