Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA24A Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SA24A
Descripción Electrónicos  TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SA24A Datasheet(HTML) 2 Page - Vishay Siliconix

  SA24A Datasheet HTML 1Page - Vishay Siliconix SA24A Datasheet HTML 2Page - Vishay Siliconix SA24A Datasheet HTML 3Page - Vishay Siliconix SA24A Datasheet HTML 4Page - Vishay Siliconix SA24A Datasheet HTML 5Page - Vishay Siliconix SA24A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SA5.0A thru SA170CA
www.vishay.com
Vishay General Semiconductor
Revision: 18-Sep-12
2
Document Number: 88378
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) For bi-directional types with VWM of 10 V and less the ID limit is doubled
(4) For the bi-directional SA5.0CA, the maximum VBR is 7.25 V
(5) All terms and symbols are consistent with ANSI/EEE CA62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM (3)
ID (μA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICENT
AT VBR
(%/°C)
MIN.
MAX.
SA5.0A (4)
6.40
7.07
10
5.0
600
54.3
9.2
5
SA6.0A
6.67
7.37
10
6.0
600
48.5
10.3
5
SA6.5A
7.22
7.98
10
6.5
400
44.7
11.2
5
SA7.0A
7.78
8.60
10
7.0
150
41.7
12.0
6
SA7.5A
8.33
9.21
1.0
7.5
50
38.8
12.9
7
SA8.0A
8.89
9.83
1.0
8.0
25
36.8
13.6
7
SA8.5A
9.44
10.4
1.0
8.5
10
34.7
14.4
8
SA9.0A
10.0
11.1
1.0
9.0
5.0
32.5
15.4
9
SA10A
11.1
12.3
1.0
10
1.0
29.4
17.0
10
SA11A
12.2
13.5
1.0
11
1.0
27.5
18.2
11
SA12A
13.3
14.7
1.0
12
1.0
25.1
19.9
12
SA13A
14.4
15.9
1.0
13
1.0
23.3
21.5
13
SA14A
15.6
17.2
1.0
14
1.0
21.6
23.2
14
SA15A
16.7
18.5
1.0
15
1.0
20.5
24.4
16
SA16A
17.8
19.7
1.0
16
1.0
19.2
26.0
17
SA17A
18.9
20.9
1.0
17
1.0
18.1
27.6
19
SA18A
20.0
22.1
1.0
18
1.0
17.1
29.2
20
SA20A
22.2
24.5
1.0
20
1.0
15.4
32.4
23
SA22A
24.4
26.9
1.0
22
1.0
14.1
35.5
25
SA24A
26.7
29.5
1.0
24
1.0
12.9
38.9
28
SA26A
28.9
31.9
1.0
26
1.0
11.9
42.1
30
SA28A
31.1
34.4
1.0
28
1.0
11
45.4
31
SA30A
33.3
36.8
1.0
30
1.0
10
48.4
36
SA33A
36.7
40.6
1.0
33
1.0
9.4
53.3
39
SA36A
40.0
44.2
1.0
36
1.0
8.6
58.1
41
SA40A
44.4
49.1
1.0
40
1.0
7.8
64.5
46
SA43A
47.8
52.8
1.0
43
1.0
7.2
69.4
50
SA45A
50.0
55.3
1.0
45
1.0
6.9
72.7
52
SA48A
53.3
58.9
1.0
48
1.0
6.5
77.4
56
SA51A
56.7
62.7
1.0
51
1.0
6.1
82.4
61
SA54A
60.0
66.3
1.0
54
1.0
5.7
87.1
65
SA58A
64.4
71.2
1.0
58
1.0
5.3
93.6
70
SA60A
66.7
73.7
1.0
60
1.0
5.2
96.8
71
SA64A
71.1
78.6
1.0
64
1.0
4.9
103
76
SA70A
77.8
86.0
1.0
70
1.0
4.4
113
85
SA75A
83.3
92.1
1.0
75
1.0
4.1
121
91
SA78A
86.7
95.8
1.0
78
1.0
4
126
95
SA85A
94.4
104
1.0
85
1.0
3.6
137
103
SA90A
100
111
1.0
90
1.0
3.4
146
110
SA100A
111
123
1.0
100
1.0
3.1
162
123
SA110A
122
135
1.0
110
1.0
2.8
177
133
SA120A
133
147
1.0
120
1.0
2.6
193
146
SA130A
144
159
1.0
130
1.0
2.4
209
158
SA150A
167
185
1.0
150
1.0
2.1
243
184
SA160A
178
197
1.0
160
1.0
1.9
259
196
SA170A
189
209
1.0
170
1.0
1.8
275
208


Número de pieza similar - SA24A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SA24A MCC-SA24A Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Motorola, Inc
SA24A MOTOROLA-SA24A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shanghai Leiditech Elec...
SA24A LEIDITECH-SA24A Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Socay Electornics Co., ...
SA24A SOCAY-SA24A Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Littelfuse
SA24A LITTELFUSE-SA24A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
More results

Descripción similar - SA24A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com