Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCD1300N80Z Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FCD1300N80Z
Descripción Electrónicos  N-Channel SuperFET II MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCD1300N80Z Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FCD1300N80Z Datasheet HTML 1Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 2Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 3Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 4Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 5Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 6Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 7Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 8Page - Fairchild Semiconductor FCD1300N80Z Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2014 Fairchild Semiconductor Corporation
FCD1300N80Z Rev. C0
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
*Notes:
1. VGS = 10V
2. ID = 2A
TJ, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
*Notes:
1. VGS = 0V
2. ID = 1mA
TJ, Junction Temperature [
oC]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
0.1
1
10
100
1000
0.01
0.1
1
10
30
10s
100s
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
oC
2. TJ = 150
oC
3. Single Pulse
DC
25
50
75
100
125
150
0
1
2
3
4
5
TC, Case Temperature [
oC]
vs. Case Temperature
Figure 11. Eoss vs. Drain to Source Voltage
0
200
400
600
800
0
1
2
3
4
5
V
DS, Drain to Source Voltage [V]


Número de pieza similar - FCD1300N80Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
FCD1300N80Z ISC-FCD1300N80Z Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - FCD1300N80Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FCP190N60 FAIRCHILD-FCP190N60_13 Datasheet
342Kb / 10P
   N-Channel SuperFET II MOSFET
FCH104N60 FAIRCHILD-FCH104N60 Datasheet
766Kb / 9P
   N-Channel SuperFET II MOSFET
FCP130N60 FAIRCHILD-FCP130N60 Datasheet
1Mb / 10P
   N-Channel SuperFET II MOSFET
FCH170N60 FAIRCHILD-FCH170N60 Datasheet
624Kb / 9P
   N-Channel SuperFET II MOSFET
FCP104N60 FAIRCHILD-FCP104N60 Datasheet
788Kb / 10P
   N-Channel SuperFET II MOSFET
FCH043N60 FAIRCHILD-FCH043N60 Datasheet
431Kb / 10P
   N-Channel SuperFET II MOSFET
FCH130N60 FAIRCHILD-FCH130N60 Datasheet
620Kb / 9P
   N-Channel SuperFET II MOSFET
FCP380N60 FAIRCHILD-FCP380N60_13 Datasheet
333Kb / 10P
   N-Channel SuperFET II MOSFET
FCP170N60 FAIRCHILD-FCP170N60 Datasheet
800Kb / 10P
   N-Channel SuperFET II MOSFET
FCP150N65F FAIRCHILD-FCP150N65F Datasheet
1Mb / 12P
   N-Channel SuperFET II FRFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com