Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD20010TR-E Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza PD20010TR-E
Descripción Electrónicos  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD20010TR-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PD20010TR-E Datasheet HTML 5Page - STMicroelectronics PD20010TR-E Datasheet HTML 6Page - STMicroelectronics PD20010TR-E Datasheet HTML 7Page - STMicroelectronics PD20010TR-E Datasheet HTML 8Page - STMicroelectronics PD20010TR-E Datasheet HTML 9Page - STMicroelectronics PD20010TR-E Datasheet HTML 10Page - STMicroelectronics PD20010TR-E Datasheet HTML 11Page - STMicroelectronics PD20010TR-E Datasheet HTML 12Page - STMicroelectronics PD20010TR-E Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PD20010-E
Package mechanical data
Doc ID 15514 Rev 2
11/13
Figure 8.
Reel information


Número de pieza similar - PD20010TR-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nihon Inter Electronics...
PD20012 NIEC-PD20012 Datasheet
204Kb / 3P
   DIODE MODULE 200A/1200 to 1600V
PD20012 NIEC-PD20012 Datasheet
153Kb / 2P
   200A Avg 1200 1600 Volts
logo
STMicroelectronics
PD20015-E STMICROELECTRONICS-PD20015-E Datasheet
352Kb / 16P
   RF power transistor, LdmoST family
PD20015C STMICROELECTRONICS-PD20015C Datasheet
155Kb / 9P
   RF power transistor, LdmoST family
PD20015S-E STMICROELECTRONICS-PD20015S-E Datasheet
352Kb / 16P
   RF power transistor, LdmoST family
More results

Descripción similar - PD20010TR-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
July 2009
PD54003-E STMICROELECTRONICS-PD54003-E_10 Datasheet
1Mb / 27P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008-E STMICROELECTRONICS-PD55008-E_10 Datasheet
501Kb / 25P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD57060S-E STMICROELECTRONICS-PD57060S-E Datasheet
520Kb / 21P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com