Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFH251001 Datasheet(PDF) 4 Page - Littelfuse

No. de pieza LFH251001
Descripción Electrónicos  LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFH251001 Datasheet(HTML) 4 Page - Littelfuse

  LFH251001 Datasheet HTML 1Page - Littelfuse LFH251001 Datasheet HTML 2Page - Littelfuse LFH251001 Datasheet HTML 3Page - Littelfuse LFH251001 Datasheet HTML 4Page - Littelfuse LFH251001 Datasheet HTML 5Page - Littelfuse LFH251001 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Littelfuse.com
POWR-GARD® Blocks and Holders Datasheet
4 of 6
© 2013 Littelfuse POWR-GARD® Products
Rev: 011513
CLaSS H/K5 and r FuSe bLoCKS
181.1
[7.13]
76.2 [3.00]
228.6 [9.00]
Ø.3 THRU
72.4 [2.85]
15.9 [.63]
R4.3 [.17]
TYP.
63.5 [2.50]
12.7 [.50]
63.5 [2.50]
52.6
[2.07]
128.5
[5.06]
12.7 [.50]
19.1 [.75]
165.1 [6.50]
184.2 [7.25]
215.9 [8.50]
Ø.3 THRU
Ø.8 .4
88.9 [3.50]
292.1
[11.50]
95.3
[3.75]
15.9 [.63]
266.7 [10.50]
84.4 [3.32]
15.9 [.63]
108.0
[4.25]
184.2
[7.25]
22.2 [.88]
66.7 [2.63]
95.3 [3.75]
196.9 [7.75]
15.9 [.63]
250.8 [9.88]
Ø.3 THRU
Ø.8 .4
Ø.3 THRU
Ø.8 .4
355.6
[14.0]
114.3 [4.5]
114.3
[4.5]
317.5 [12.5]
19.1 [.8]
114.3 [4.5]
110.6 [4.4]
15.9 [.6]
139.7
[5.5]
215.9
[8.5]
19.1 [.8]
34.9 [1.4]
79.4 [3.1]
241.3 [9.5]
298.5 [11.8]
Ø.3 THRU
Ø.6 .4
Ø.3 THRU
Ø.8 .4
Ø.3 THRU
Ø.6 .4
250 V 200 A
250 V 400 A
250 V 600 A
Dimensions mm (inches)


Número de pieza similar - LFH251001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
LFH251001 LITTELFUSE-LFH251001 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
More results

Descripción similar - LFH251001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
logo
Littelfuse
LFG600151 LITTELFUSE-LFG600151 Datasheet
455Kb / 2P
   LF SERIES CLASS G FUSE BLOCKS
Rev: 4-A-071318
LFT300301 LITTELFUSE-LFT300301 Datasheet
2Mb / 6P
   LF SERIES CLASS T FUSE BLOCKS
Rev: 020122
LFJ600301 LITTELFUSE-LFJ600301_V01 Datasheet
1Mb / 3P
   LF SERIES CLASS J FUSE BLOCKS
Rev: 021422
logo
Cooper Bussmann, Inc.
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60030-1 COOPER-H60030-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
logo
Littelfuse
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
   POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
L60030M3SQ LITTELFUSE-L60030M3SQ Datasheet
641Kb / 3P
   LF SERIES CLASS CC/CD AND MIDGET (10x38 mm) FUSE BLOCKS
Rev: 020421
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com