Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF66451PBF Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRF66451PBF
Descripción Electrónicos  RoHS Compliant, Halogen-Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF66451PBF Datasheet(HTML) 4 Page - International Rectifier

  IRF66451PBF Datasheet HTML 1Page - International Rectifier IRF66451PBF Datasheet HTML 2Page - International Rectifier IRF66451PBF Datasheet HTML 3Page - International Rectifier IRF66451PBF Datasheet HTML 4Page - International Rectifier IRF66451PBF Datasheet HTML 5Page - International Rectifier IRF66451PBF Datasheet HTML 6Page - International Rectifier IRF66451PBF Datasheet HTML 7Page - International Rectifier IRF66451PBF Datasheet HTML 8Page - International Rectifier IRF66451PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 www.irf.com
© 2012 International Rectifier
February 26, 2013
IRF6645/TRPbF
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Typical On-Resistance vs. Drain Current
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
≤60μs PULSE WIDTH
Tj = 25°C
6.0V
VGS
TOP
15V
10V
8.0V
7.0V
BOTTOM
6.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
≤60μs PULSE WIDTH
Tj = 150°C
6.0V
VGS
TOP
15V
10V
8.0V
7.0V
BOTTOM
6.0V
4.0
5.0
6.0
7.0
8.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
TJ = 150°C
TJ = 25°C
TJ = -40°C
VDS = 10V
≤60μs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 5.7A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
10
20
30
40
50
ID, Drain Current (A)
20
30
40
50
60
TA= 25°C
VGS = 7.0V
VGS = 8.0V
VGS = 10V
VGS = 15V


Número de pieza similar - IRF66451PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6645 IRF-IRF6645 Datasheet
245Kb / 9P
   DirectFET Power MOSFET Typical calues (unless otherwise specified)
IRF6645 IRF-IRF6645 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
logo
Vishay Siliconix
IRF6645 VISHAY-IRF6645 Datasheet
176Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
International Rectifier
IRF6645PBF IRF-IRF6645PBF Datasheet
226Kb / 9P
   DirectFETPower MOSFET 
IRF6645PBF IRF-IRF6645PBF Datasheet
239Kb / 9P
   Application Specific MOSFETs
More results

Descripción similar - IRF66451PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
   RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
   RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
   RoHS Compliant & Halogen Free
logo
Advanced Power Electron...
AP9926GM-HF A-POWER-AP9926GM-HF_14 Datasheet
66Kb / 4P
   RoHS Compliant & Halogen-Free
AP2611GYT-HF A-POWER-AP2611GYT-HF_14 Datasheet
56Kb / 4P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com