Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-2611 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

No. de pieza HCPL-2611
Descripción Electrónicos  High CMR, High Speed TTL Compatible Optocouplers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2611 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2611 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2611 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2611 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2611 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2611 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2611 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-2611 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-2611 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-2611 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Absolute Maximum Ratings* (No Derating Required up to 85
°C)
Parameter
Symbol
Package**
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature†
TA
-40
85
°C
Average Forward Input Current
IF
Single 8-Pin DIP
20
mA
2
Single SO-8
Widebody
Dual 8-Pin DIP
15
1, 3
Dual SO-8
Reverse Input Voltage
VR
8-Pin DIP, SO-8
5
V
1
Widebody
3
Input Power Dissipation
PI
Widebody
40
mW
Supply Voltage
VCC
7V
(1 Minute Maximum)
Enable Input Voltage (Not to
VE
Single 8-Pin DIP
VCC + 0.5
V
Exceed VCC by more than
Single SO-8
500 mV)
Widebody
Enable Input Current
IE
5mA
Output Collector Current
IO
50
mA
1
Output Collector Voltage
VO
7V
1
Output Collector Power
PO
Single 8-Pin DIP
85
mW
Dissipation
Single SO-8
Widebody
Dual 8-Pin DIP
60
1, 4
Dual SO-8
Lead Solder Temperature
TLS
8-Pin DIP
260
°C for 10 sec.,
(Through Hole Parts Only)
1.6 mm below seating plane
Widebody
260
°C for 10 sec.,
up to seating plane
Solder Reflow Temperature
SO-8 and
See Package Outline
Profile (Surface Mount Parts Only)
Option 300
Drawings section
*JEDEC Registered Data (for 6N137 only).
**Ratings apply to all devices except otherwise noted in the Package column.
†0
°C to 70°C on JEDEC Registration.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level
IFL*
0
250
µA
Input Current, High Level[1]
IFH**
5
15
mA
Power Supply Voltage
VCC
4.5
5.5
V
Low Level Enable Voltage†
VEL
0
0.8
V
High Level Enable Voltage†
VEH
2.0
VCC
V
Operating Temperature
TA
-40
85
°C
Fan Out (at RL = 1 kΩ)[1]
N
5
TTL Loads
Output Pull-up Resistor
RL
330
4 k
*The off condition can also be guaranteed by ensuring that VFL ≤ 0.8 volts.
**The initial switching threshold is 5 mA or less. It is recommended that 6.3 mA to 10 mA be used for best performance and to permit
at least a 20% LED degradation guardband.
†For single channel products only.


Número de pieza similar - HCPL-2611

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
HCPL-2611 QT-HCPL-2611 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2611 HP-HCPL-2611 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-2611 HP-HCPL-2611 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-2611 HP-HCPL-2611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Fairchild Semiconductor
HCPL-2611 FAIRCHILD-HCPL-2611 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
More results

Descripción similar - HCPL-2611

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-000E AVAGO-HCPL-0630-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com