Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LDU4860S250 Datasheet(PDF) 3 Page - XP Power Limited

No. de pieza LDU4860S250
Descripción Electrónicos  Constant Current Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LDU4860S250 Datasheet(HTML) 3 Page - XP Power Limited

  LDU4860S250 Datasheet HTML 1Page - XP Power Limited LDU4860S250 Datasheet HTML 2Page - XP Power Limited LDU4860S250 Datasheet HTML 3Page - XP Power Limited LDU4860S250 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LDU48
Mechanical Details
Derating Curve for LDU48
1.25
(31.75)
0.80
(20.32)
0.02
(0.50)
0.10
(2.54)
0.60
(15.24)
0.49
(12.45)
0.12
(3.05)
0.80
(20.32)
0.60
(15.24)
0.90
(22.86)
DIA.
Bottom View
23 4
9
11
23 22
16
14
0.49
(12.45)
3.94
(100.0)
0.39
(10.0)
Stripped
& tinned
1.25
(31.75)
0.80
(20.32)
Bottom View
1
2
13
24
15 1
0.49
(12.45)
3.94
(100.0)
12
13
24
12
100
80
60
40
20
Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
70
85
55
A
B
C
150 mA, 250 mA, 300 mA, 350 mA
500 mA, 600 mA, 700 mA
1000 mA
A
B
C
LDU48 Connections
LDU48
LDU48-W LDU48-WD
Function
2 & 3
1 (Black)
1 (Black)
-Vin: -DC supply
4
No Wire
15 (White)
Control
9 & 11
12 (Blue)
12 (Blue)
-Vout: LED cathode connection
14 & 16
13 (Yellow) 13 (Yellow) +Vout: LED anode connection
22 & 23
24 (Red)
24 (Red)
+Vin: +DC supply
LDU48
24 Pin DIL
Wired Versions (No Dimming Control)
Wired Version with Dimming Control
LDU48
Wired Versions
Models and Ratings
Output Power
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
(pk-pk)
Efficiency
Model Number
9.0 W
7 - 60 V
2 - 57 V
150 mA
150 mV
97%
LDU4860S150
14.0 W
7 - 60 V
2 - 57 V
250 mA
200 mV
97%
LDU4860S250
17.0 W
7 - 60 V
2 - 57 V
300 mA
250 mV
97%
LDU4860S300
20.0 W
7 - 60 V
2 - 57 V
350 mA
300 mV
97%
LDU4860S350
29.0 W
7 - 60 V
2 - 57 V
500 mA
400 mV
97%
LDU4860S500
34.0 W
7 - 60 V
2 - 57 V
600 mA
450 mV
97%
LDU4860S600
40.0 W
7 - 60 V
2 - 57 V
700 mA
500 mV
97%
LDU4860S700
48.0 W
7 - 60 V
2 - 48 V
1000 mA
800 mV
97%
LDU4860S1000
Output Power
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
(pk-pk)
Efficiency
Model Number
9.0 W
7 - 60 V
2 - 57 V
150 mA
150 mV
97%
LDU4860S150-WD
14.0 W
7 - 60 V
2 - 57 V
250 mA
200 mV
97%
LDU4860S250-WD
17.0 W
7 - 60 V
2 - 57 V
300 mA
250 mV
97%
LDU4860S300-WD
20.0 W
7 - 60 V
2 - 57 V
350 mA
300 mV
97%
LDU4860S350-WD
29.0 W
7 - 60 V
2 - 57 V
500 mA
400 mV
97%
LDU4860S500-WD
34.0 W
7 - 60 V
2 - 57 V
600 mA
450 mV
97%
LDU4860S600-WD
40.0 W
7 - 60 V
2 - 57 V
700 mA
500 mV
97%
LDU4860S700-WD
48.0 W
7 - 60 V
2 - 48 V
1000 mA
800 mV
97%
LDU4860S1000-WD
Output Power
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
(pk-pk)
Efficiency
Model Number
9.0 W
7 - 60 V
2 - 57 V
150 mA
150 mV
97%
LDU4860S150-W
14.0 W
7 - 60 V
2 - 57 V
250 mA
200 mV
97%
LDU4860S250-W
17.0 W
7 - 60 V
2 - 57 V
300 mA
250 mV
97%
LDU4860S300-W
20.0 W
7 - 60 V
2 - 57 V
350 mA
300 mV
97%
LDU4860S350-W
29.0 W
7 - 60 V
2 - 57 V
500 mA
400 mV
97%
LDU4860S500-W
34.0 W
7 - 60 V
2 - 57 V
600 mA
450 mV
97%
LDU4860S600-W
40.0 W
7 - 60 V
2 - 57 V
700 mA
500 mV
97%
LDU4860S700-W
48.0 W
7 - 60 V
2 - 48 V
1000 mA
800 mV
97%
LDU4860S1000-W
Notes
1. All dimensions are in inches (mm)
2. Weight: LDU48 - 0.04 lbs (17.7 g) approx.
LDU48 (wired version) - 0.04 lbs (18.0 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Note: Do not connect pins 1 & 2 (-Vin) to pins 9 & 11 (-Vout)
With Dimming Control
LDU48 Models
Notes
For LDU08 & LDU24 please see Operating
Temperature Spec.


Número de pieza similar - LDU4860S250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   LED Driver LDU Series
LDU4860S250-W XPPOWER-LDU4860S250-W Datasheet
339Kb / 4P
   LED Driver LDU Series
LDU4860S250-WD XPPOWER-LDU4860S250-WD Datasheet
339Kb / 4P
   LED Driver LDU Series
More results

Descripción similar - LDU4860S250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MicroPower Direct, LLC
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
   Constant Current Output
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
   Constant Current Output
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
   Constant Current Output
LD24-04-150 MPD-LD24-04-150 Datasheet
632Kb / 4P
   Constant Current Output
LDM12-04-300 MPD-LDM12-04-300 Datasheet
590Kb / 4P
   Constant Current Output
LDB24-07-150 MPD-LDB24-07-150 Datasheet
325Kb / 2P
   Constant Current Output
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
   Constant Current Output
LDU56 XPPOWER-LDU56 Datasheet
85Kb / 2P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
   Constant Current Output
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com