Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6006V8TP Datasheet(PDF) 3 Page - Littelfuse

No. de pieza L6006V8TP
Descripción Electrónicos  Sample Instructions for Choosing a Packing Option
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6006V8TP Datasheet(HTML) 3 Page - Littelfuse

  L6006V8TP Datasheet HTML 1Page - Littelfuse L6006V8TP Datasheet HTML 2Page - Littelfuse L6006V8TP Datasheet HTML 3Page - Littelfuse L6006V8TP Datasheet HTML 4Page - Littelfuse L6006V8TP Datasheet HTML 5Page - Littelfuse L6006V8TP Datasheet HTML 6Page - Littelfuse L6006V8TP Datasheet HTML 7Page - Littelfuse L6006V8TP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheets
Packing Options
2004 Littelfuse, Inc.
M3 - 3
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
TO-92 (3-lead) Reel Pack (RP) Radial Leaded
Meets all EIA-468-B 1994 Standards
TO-92 (3-lead) Ammo Pack (AP) Radial Leaded
Meets all EIA-468-B 1994 Standards
0.708
(18.0)
1.6
(41.0)
0.5
(12.7)
0.1 (2.54)
0.2 (5.08)
0.236
(6.0)
0.02 (0.5)
Direction of Feed
Dimensions
are in inches
(and millimeters).
1.97
(50.0)
14.17(360.0)
Flat up
1.26
(32.0)
0.098 (2.5) MAX
MT1 / Cathode
MT2 / Anode
Gate
0.354
(9.0)
0.157 DIA
(4.0)
Flat down
25 Devices per fold
MT1 / Cathode
MT2 / Anode
Gate
Direction
of Feed
Dimensions
are in inches
(and millimeters).
0.708
(18.0)
1.62
(41.2)
0.5
(12.7)
0.1 (2.54)
0.2 (5.08)
0.236
(6.0)
0.02 (0.5)
1.85
(47.0)
13.3
(338.0)
1.27
(32.2)
0.098 (2.5) MAX
12.2
(310.0)
1.85
(47.0)
0.354
(9.0)
0.157
DIA
(4.0)


Número de pieza similar - L6006V8TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Teccor Electronics
L6006V8 TECCOR-L6006V8 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L6006V8 LITTELFUSE-L6006V8 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L6006V8 TECCOR-L6006V8 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6006V8 LITTELFUSE-L6006V8 Datasheet
176Kb / 8P
   Sensitive Triacs
L6006V8 LITTELFUSE-L6006V8 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Descripción similar - L6006V8TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
S8055NTP LITTELFUSE-S8055NTP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
K2000SRP LITTELFUSE-K2000SRP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
Q4006N4TP ETC2-Q4006N4TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
Littelfuse
L6008L6TP LITTELFUSE-L6008L6TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
K2400GRP LITTELFUSE-K2400GRP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
Q4004D4RP ETC2-Q4004D4RP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
FQD5N50CTM ETC2-FQD5N50CTM Datasheet
236Kb / 2P
   TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
logo
STMicroelectronics
AN1756 STMICROELECTRONICS-AN1756 Datasheet
208Kb / 10P
   Choosing a DALI implementation strategy with ST7DALIF2
logo
List of Unclassifed Man...
FQD3N40TM ETC2-FQD3N40TM Datasheet
236Kb / 2P
   TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
logo
STMicroelectronics
TN0107 STMICROELECTRONICS-TN0107 Datasheet
710Kb / 15P
   Mounting instructions for STMicroelectronics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com