Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-3601OBA2 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
HLMP-3601OBA2 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard) |
3 / 8 page 3 Part Numbering System HLMX-X 6 X X X X X XX Mechanical Option 00: Bulk 01: Tape & Reel, Crimped Leads 02: Tape & Reel, Straight Leads A1,B1: Right Angle Housing, Uneven Leads A2,B2: Right Angle Housing, Even Leads Color Bin Options 0: Full color bin distribution B: Color bin 2&3 only D: Color bin 4&5 only Maximum Iv Bin Options 0: Open (No. max. limit) Others: Please refer to the Iv bin Table Minimum Iv Bin Options Please refer to the Iv bin Table Operating Voltage 0: 5 V 1: 12 V Color Options 0: GaP HER 2,5: GaP Yellow 4,8: GaP Green Package Options 3: T-13/4 (5 mm) 1: T-1 (3 mm) Absolute Maximum Ratings at TA = 25°C Red/HER/ Red/HER/ Yellow Yellow Green Green 5 Volt Lamps 12 Volt Lamps 5 Volt Lamps 12 Volt Lamps DC Forward Voltage (TA = 25°C) 7.5 Volts[2] 15 Volts[3] 7.5 Volts[2] 15 Volts[3] Reverse Voltage (IR = 100 µA) 5 Volts 5 Volts 5 Volts 5 Volts Operating Temperature Range -40 °C to 85°C -40 °C to 85°C -20 °C to 85°C -20 °C to 85°C Storage Temperature Range -55 °C to 100°C -55 °C to 100°C -55 °C to 100°C -55 °C to 100°C Lead Soldering Temperature 260 °C for 5 seconds Notes: 2. Derate from TA = 50°C at 0.071 V/°C, see Figure 3. 3. Derate from TA = 50°C at 0.086 V/°C, see Figure 4. |
Número de pieza similar - HLMP-3601OBA2 |
|
Descripción similar - HLMP-3601OBA2 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |