Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-1650ODA2 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
HLMP-1650ODA2 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard) |
4 / 8 page 4 Electrical/Optical Characteristics at TA = 25°C High Efficiency Red Yellow Green Symbol Description Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Unit Condition λ P Peak 635 583 565 nm Wavelength λ d Dominant 626 585 569 nm Note 4 Wavelength ∆λ1/2 Spectral Line 40 36 28 nm Halfwidth R θ J-PIN Thermal 290 290 290 °C/W Junction to Resistance Cathode Lead (Note 6) R θ J-PIN Thermal 210 210 210 °C/W Junction to Resistance Cathode Lead (Note 7) IF Forward 13 20 13 20 13 20 mA VF = 12 V Current 12 V Devices IF Forward 10 15 10 15 10 15 mA VF = 5 V Current 5 V Devices η V Luminous 145 500 595 lumen Note 2 Efficacy /Watt V R Reverse 5.0 5.0 5.0 V I R = 100 µA Breakdown Voltage Test Notes: 4. The dominant wavelength, λ d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 5. Radiant intensity, I e, in watts/steradian, may be found from the equation Ie = lV/ηV, where lV is the luminous intensity in candelas and η V is the luminous efficacy in lumens/Watt. 6. For Figure A package type. 7. For Figure B package type. |
Número de pieza similar - HLMP-1650ODA2 |
|
Descripción similar - HLMP-1650ODA2 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |