Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC2G07GW Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74LVC2G07GW
Descripción Electrónicos  Buffers with open-drain outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G07GW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC2G07GW Datasheet HTML 3Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 4Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 5Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 6Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 7Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 8Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 9Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 10Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
74LVC2G07
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 4 July 2012
7 of 18
NXP Semiconductors
74LVC2G07
Buffers with open-drain outputs
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLZ and tPZL.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
12. Waveforms
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 8.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 1.65 V to 1.95 V
1.0
3.5
6.7
1.0
8.4
ns
VCC = 2.3 V to 2.7 V
0.5
2.4
4.3
0.5
5.5
ns
VCC = 2.7 V
1.0
2.3
4.2
1.0
5.3
ns
VCC = 3.0 V to 3.6 V
0.5
2.6
3.7
0.5
4.7
ns
VCC = 4.5 V to 5.5 V
0.5
1.5
2.9
0.5
3.7
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V
[3]
-6.5
-
-
-
pF
Measurement points are given in Table 9.
VOL is the typical output voltage drop that occur with the output load.
Fig 7.
The input (nA) to output (nY) propagation delays
mna528
tPLZ
VX
nY output
nA input
VI
VCC
VM
VM
VOL
GND
tPZL
VM


Número de pieza similar - 74LVC2G07GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC2G07GW PHILIPS-74LVC2G07GW Datasheet
82Kb / 13P
   Buffers with open-drain outputs
2004 Sep 08
74LVC2G07GW NXP-74LVC2G07GW Datasheet
88Kb / 15P
   Buffers with open-drain outputs
Rev. 04-21 May 2007
logo
Nexperia B.V. All right...
74LVC2G07GW NEXPERIA-74LVC2G07GW Datasheet
257Kb / 17P
   Buffers with open-drain outputs
Rev. 12 - 24 January 2022
74LVC2G07GW-Q100 NEXPERIA-74LVC2G07GW-Q100 Datasheet
779Kb / 13P
   Buffers with open-drain outputs
More results

Descripción similar - 74LVC2G07GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC2G07 PHILIPS-74LVC2G07 Datasheet
82Kb / 13P
   Buffers with open-drain outputs
2004 Sep 08
logo
Unisonic Technologies
U74LVC2G07 UTC-U74LVC2G07_15 Datasheet
194Kb / 5P
   BUFFERS WITH OPEN-DRAIN OUTPUTS
logo
NXP Semiconductors
74LVC2G07 NXP-74LVC2G07 Datasheet
88Kb / 15P
   Buffers with open-drain outputs
Rev. 04-21 May 2007
logo
Nexperia B.V. All right...
74LVC2G07-Q100 NEXPERIA-74LVC2G07-Q100 Datasheet
779Kb / 13P
   Buffers with open-drain outputs
logo
Unisonic Technologies
U74LVC2G07 UTC-U74LVC2G07 Datasheet
194Kb / 5P
   BUFFERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC2G07 NEXPERIA-74LVC2G07 Datasheet
257Kb / 17P
   Buffers with open-drain outputs
Rev. 12 - 24 January 2022
logo
Diodes Incorporated
74LVC04A DIODES-74LVC04A Datasheet
192Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74AUP2G07 DIODES-74AUP2G07 Datasheet
443Kb / 12P
   DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
74LV07A DIODES-74LV07A Datasheet
297Kb / 9P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74LVC07A DIODES-74LVC07A Datasheet
209Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com