Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-1111A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza S-1111A
Descripción Electrónicos  ROTARY CODED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

S-1111A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S-1111A Datasheet HTML 1Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 2Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 3Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 4Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 5Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 6Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
● RoHS compliant
● Protection against dust and whole cleaning after
soldering is possible
● Pin compatible with conventional DIP switches
● Translucent knob with flange type (S-1200A/2200A
series)
• Distinguished visibility with translucent flange
• Settable with fingers or screwdriver
Part name
Insert rotor
Translucent
knob with flange
Base
Housing
Contact
“O” ring
Terminal pin
Material
Flammability
UL-94HB
UL-94HB
UL-94V-2
PBT(
Polybutyleneterephthalate)
Silicone rubber
PBT(
Polybutyleneterephthalate)
Copper alloy, Gold-plated
Rotor : Polyoxymethylene
Pattern : Copper alloy, Gold-plated
PAR(Polyarylate
※S-12□□A/22□□Aのみ
S-12□□A/22□□A only
PART NUMBER DESIGNATION
INTERNAL STRUCTURE
S-1000A / 2000A series
S - 1 0 1 0 A W
No. of positions
Shape of rotor
0Without knob
1With knob (with extended shaft)
2Translucent knob with flange (Black housing)
Form of packaging
Code format
WTray packaging
BlankBulk in plastic bag
Setting position
0Top setting
1Side setting
1Real code
3Complementary code
※Please refer to the LIST OF PART NUMBERS when placing orders.
116 positions
210 positions
S-1000A/2000A
ROTARY CODED SWITCHES
RoHS compliant
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS


Número de pieza similar - S-1111A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
S-1111A ETC2-S-1111A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
S-1111AW ETC2-S-1111AW Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results

Descripción similar - S-1111A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com