Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7306TR Datasheet(PDF) 9 Page - International Rectifier

No. de pieza IRF7306TR
Descripción Electrónicos  Generation V Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7306TR Datasheet(HTML) 9 Page - International Rectifier

  IRF7306TR Datasheet HTML 1Page - International Rectifier IRF7306TR Datasheet HTML 2Page - International Rectifier IRF7306TR Datasheet HTML 3Page - International Rectifier IRF7306TR Datasheet HTML 4Page - International Rectifier IRF7306TR Datasheet HTML 5Page - International Rectifier IRF7306TR Datasheet HTML 6Page - International Rectifier IRF7306TR Datasheet HTML 7Page - International Rectifier IRF7306TR Datasheet HTML 8Page - International Rectifier IRF7306TR Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF7306
Tape & Reel Information
SO-8
Dimensions are shown in millimeters (inches)
4.10 ( .161 )
3.90 ( .154 )
1.60 (.062)
1.50 (.059)
1.85 (.072)
1.65 (.065)
5.30 ( .208)
5.10 ( .201)
5.55 (.218)
5.45 (.215)
2.60 (.102)
1.50 (.059)
6.50 (.255)
6.30 (.248)
8.10 (.318)
7.90 (.311)
F E ED D IRE CT IO N
TERM IN AT IO N
N UM BE R
1
2 .05 (.080)
1 .95 (.077)
0.35 (.013)
0.25 (.010)
1 2.30 (.484)
1 1.70 (.461)
2.20 ( .08 6)
2.00 ( .07 9)
15.40 (.607)
11.90 (.469)
2
50.00
(1.96 9)
M IN.
18.4 0 ( .7 24)
M AX 3
14.40 (.5 66)
12.40 (.4 48)
3
33 0.00
( 13.000)
M AX .
13.20 (.519)
12.80 (.504)
NO T ES :
1 CO N F O RM S T O EIA -48 1-1
2 INC LUD ES F LA NGE D IST ORT ION @ OU T ER E DGE
3 DIM E NS IO NS M E AS URE D @ HUB
4 CO N T RO LLING DIM E NSIO N : M ET R IC
1
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
8/97


Número de pieza similar - IRF7306TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7306TRPBF IRF-IRF7306TRPBF Datasheet
116Kb / 9P
   Generation V Technology
logo
VBsemi Electronics Co.,...
IRF7306TRPBF VBSEMI-IRF7306TRPBF Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Descripción similar - IRF7306TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com