Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF998WR_2015 Datasheet(PDF) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de pieza BF998WR_2015
Descripción Electrónicos  N-channel dual-gate MOS-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF998WR_2015 Datasheet(HTML) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF998WR_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1997 Sep 05
8
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF998WR
Fig.15 Gain control testcircuit at f = 200 MHz.
VDD = 12 V; GS = 2 mS; GL = 0.5 mS.
L1 = 45 nH; 4 turns 0.8 mm copper wire, internal diameter 4 mm.
L2 = 160 nH; 3 turns 0.8 mm copper wire, internal diameter 8 mm.
Tapped at approximately half a turn from the cold side, to adjust GL = 0.5 mS. C1 adjusted for GS = 2 mS.
VAGC
1 nF
1 nF
50
input
50
input
1 nF
1 nF
L1
L2
20
µH
47
µF
1 nF
1 nF
1 nF
1 nF
47
k
1.8
k
360
140 k
1 nF
VDD
VDD
15 pF
10 pF
100
k
330
k
Vtun
D1
BB405
C1
5.5 pF
330
k
D2
BB405
input
Vtun
output
MGC481


Número de pieza similar - BF998WR_2015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
BF998WR JMNIC-BF998WR_15 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
More results

Descripción similar - BF998WR_2015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF991 NXP-BF991 Datasheet
226Kb / 7P
   N-channel dual-gate MOS-FET
Rev. 03-20 November 2007
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF996S JMNIC-BF996S_15 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF994S PHILIPS-BF994S Datasheet
41Kb / 5P
   N-channel dual-gate MOS-FET
July 1993
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com