Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF1102_2015 Datasheet(PDF) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de pieza BF1102_2015
Descripción Electrónicos  Dual N-channel dual gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1102_2015 Datasheet(HTML) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1102_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_2015 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_2015 Datasheet HTML 14Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2000 Apr 11
10
Philips Semiconductors
Product specification
Dual N-channel dual gate MOS-FETs
BF1102; BF1102R
Table 1
Scattering parameters: VDS =5V; VG2-S =4V; ID = 15 mA; Tamb =25 °C
Table 2
Noise data: VDS =5V; VG2-S =4V; ID = 15 mA; Tamb =25 °C
f
(MHz)
s11
s21
s12
s22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
50
0.987
−5.6
4.069
173.5
0.001
95.4
0.986
−3.0
100
0.981
−11.1
4.042
167.0
0.002
81.3
0.983
−6.0
200
0.961
−21.9
3.926
154.4
0.005
75.8
0.976
−12.0
300
0.933
−32.1
3.778
142.4
0.006
69.6
0.960
−17.7
400
0.899
−42.0
3.593
130.6
0.007
65.6
0.945
−23.2
500
0.867
−51.1
3.412
119.6
0.007
64.4
0.928
−29.1
600
0.834
−59.9
3.216
109.2
0.007
67.5
0.914
−34.1
700
0.805
−67.9
3.010
99.0
0.006
78.7
0.901
−39.8
800
0.779
−75.7
2.804
89.2
0.007
92.7
0.886
−45.1
900
0.758
−82.1
2.656
80.3
0.007
120.7
0.889
−49.7
1000
0.740
−89.0
2.509
69.9
0.009
125.5
0.890
−55.7
f
(MHz)
Fmin
(dB)
Γopt
Rn
(
Ω)
(ratio)
(deg)
800
2
0.621
61.61
25.85


Número de pieza similar - BF1102_2015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF1102(R) NXP-BF1102(R) Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
CoolCox Limited All rig...
BF11025 COOLCOX-BF11025 Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H12D COOLCOX-BF11025H12D Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H12S COOLCOX-BF11025H12S Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H24D COOLCOX-BF11025H24D Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
More results

Descripción similar - BF1102_2015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF1102 NXP-BF1102_00 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
2000 Apr 11
logo
Quanzhou Jinmei Electro...
BF1203 JMNIC-BF1203_15 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FETs
BF1102 JMNIC-BF1102_15 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com