Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF1105_2015 Datasheet(PDF) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de pieza BF1105_2015
Descripción Electrónicos  N-channel dual-gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1105_2015 Datasheet(HTML) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1105_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1105_2015 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1997 Dec 02
9
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1105; BF1105R; BF1105WR
handbook, full pagewidth
BF1105
BF1105R
BF1105WR
MGM257
Rgen
50
50
R1 =
50
10 k
G2
G1
D
S
10 nF
Vi
10 nF
4.7 nF
47
µH
4.7 nF
VG2
VDS
Fig.18 Cross-modulation test set-up.
Table 1
Scattering parameters: VDS = 5 V; VG2-S = 4 V; ID =12mA
Table 2
Noise data: VDS = 5 V; VG2-S = 4 V; ID =12mA
f
(MHz)
S11
S21
S12
S22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
50
0.994
−3.8
3.060
175.4
0.000
86.9
0.985
−2.1
100
0.991
−7.5
3.047
170.9
0.002
86.1
0.983
−4.2
200
0.982
−14.7
3.004
162.1
0.003
82.7
0.980
−8.3
300
0.968
−21.7
2.932
153.4
0.004
79.7
0.976
−12.1
400
0.956
−28.8
2.896
145.3
0.006
77.8
0.972
−16.2
500
0.937
−35.4
2.815
137.1
0.007
76.7
0.967
−20.0
600
0.918
−41.8
2.735
129.2
0.007
76.3
0.961
−23.7
700
0.897
−48.1
2.651
121.5
0.008
76.7
0.955
−27.3
800
0.878
−54.0
2.575
114.0
0.008
79.7
0.948
−30.9
900
0.858
−59.9
2.482
106.5
0.008
82.2
0.941
−34.4
1000
0.840
−65.5
2.396
99.5
0.008
88.0
0.935
−37.9
f
(MHz)
Fmin
(dB)
Γopt
Rn
(
Ω)
(ratio)
(deg)
800
1.5
0.674
39.7
37.15


Número de pieza similar - BF1105_2015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF1105R PHILIPS-BF1105R Datasheet
152Kb / 16P
   N-channel dual-gate MOS-FETs
1997 Dec 02
BF1105R NXP-BF1105R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1105WR PHILIPS-BF1105WR Datasheet
152Kb / 16P
   N-channel dual-gate MOS-FETs
1997 Dec 02
BF1105WR NXP-BF1105WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1105 JMNIC-BF1105_15 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
More results

Descripción similar - BF1105_2015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com