Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA058 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza TA058
Descripción Electrónicos  50 MHz 700 V Differential Probe Users Manual
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

TA058 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TA058 Datasheet HTML 1Page - List of Unclassifed Manufacturers TA058 Datasheet HTML 2Page - List of Unclassifed Manufacturers TA058 Datasheet HTML 3Page - List of Unclassifed Manufacturers TA058 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6
© Copyright Pico Technology 2008
DO144-1
8. Specifications
Bandwidth
DC to 50 MHz (-3 dB)
Attenuation ratio
1:10
Accuracy
±1%
Rise time
< 7 ns
Input impedance
1.6 M
Ω || 7 pF each side to ground
Input Voltage
Differential Range*
±70 V (DC + Peak AC) or 70 V RMS
Common Mode Range*
±700V (DC + Peak AC) or 600 V RMS
Absolute Max. Voltage*
(either input to ground)
±700 V (DC + Peak AC) or 600 V RMS CAT I
Output
Swing (into 5 kΩ load)
±7 V
Offset (typical)
< ±2 mV
Noise (typical)
0.7 mV RMS
Source impedance (typical)
50
Ω
CMRR (typical)
-95 dB @ 60 Hz; -60 dB @ 1 MHz
Ambient operating temperature
-10 to +40 °C
Ambient storage temperature
-30 to +70 °C
Ambient operating humidity
25 to 85% RH
Ambient storage humidity
25 to 85% RH
Power requirements**
Option 1
Mains adaptor (6 V DC 90 mA or 9 V DC 70 mA)
Option 2
Removable battery pack (4xAA cells)
Option 3
Power leads
Optional extension plugs for mains adaptor
- Input
One jack with 1 A current rating
- Output
Three plugs with 1 A current rating
Length of input leads
50 cm
Length of BNC cable
125 cm
Weight
300 g
Dimension (LxWxH)
111 mm x 22 mm x 14 mm
* Voltage limit is the lesser of the DC+Peak AC and RMS values.
**
a.
The supplied voltage must be less than 16 V and greater than 3.3 V, otherwise
the probe could be damaged or might not operate properly.
b.
Polarity is “+” inside and “–” outside.
If the polarity is wrong, a built-in circuit
protects the probe so that no danger or damage will occur.
c.
When the voltage of the cells becomes too low, the power indicator on the
panel will flicker.
DO144-1
© Copyright Pico Technology 2008
3
Use proper power source
To ensure proper functioning of this probe, use four AA cells or a 6 V DC / 90 mA
mains adaptor or 9 V DC / 70 mA mains adaptor or power leads.
Do not operate the probe if it is damaged
If you suspect there is damage to this probe, have it inspected by qualified service
personnel.
3. Description
By enabling conventional oscilloscopes to display and measure in-circuit waveforms
that are referenced to high common-mode voltages, this differential probe extends
the measurement capability of oscilloscopes to electronic power converters,
inverters, motor speed controls, switch-mode power supplies and many other
applications.
4. Installation
a.
Simply plug in the BNC output connector to the vertical input of a
general-purpose oscilloscope or other measurement instrument, and connect
the auxiliary grounding terminal to a proper ground.
The measurement
instrument must have a ground reference.
b.
Connect an appropriate power source (mains adaptor, battery pack or power
lead) to this probe and then turn it on.
WARNING
To protect against electric shock, use only the
accessories designed for use with this differential
probe.
c.
Using the appropriate probe accessories, connect the input to the circuits under
measurement.
CAUTION
This probe is designed for carrying out differential
measurements between two points on the circuit
under test.
It is not intended for electrically
insulating the circuit under test and the measuring
instrument.


Número de pieza similar - TA058

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA0581A TAI-SAW-TA0581A Datasheet
583Kb / 9P
   SAW Filter 2345MHz
TA0581B TAI-SAW-TA0581B Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA0581B GOLLEDGE-TA0581B Datasheet
337Kb / 7P
   SAW Filter 2345.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0581C TAI-SAW-TA0581C Datasheet
405Kb / 8P
   SAW Filter 2345MHz
TA0582A TAI-SAW-TA0582A Datasheet
476Kb / 7P
   SAW Filter 1200MHz
More results

Descripción similar - TA058

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TA042 ETC2-TA042 Datasheet
404Kb / 4P
   100 MHz x100/x1000 Differential Probe Users Manual
TA044 ETC2-TA044 Datasheet
404Kb / 4P
   70 MHz High-Voltage Differential Probe Users Manual
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
   USERS MANUAL
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
   USERS MANUAL
REV 2.3 August 8, 2011
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
   USERS MANUAL
logo
Freescale Semiconductor...
MC68LC040RC25A FREESCALE-MC68LC040RC25A Datasheet
3Mb / 442P
   M68040 Users Manual
logo
Motorola, Inc
MC68020 MOTOROLA-MC68020 Datasheet
1Mb / 306P
   MICROPROCESSORS USERS MANUAL
logo
Freescale Semiconductor...
FRDM-KL25Z FREESCALE-FRDM-KL25Z Datasheet
1Mb / 14P
   FRDM-KL25Z Users Manual
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com