Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM93C46 Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FM93C46
Descripción Electrónicos  1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93C46 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FM93C46 Datasheet HTML 4Page - Fairchild Semiconductor FM93C46 Datasheet HTML 5Page - Fairchild Semiconductor FM93C46 Datasheet HTML 6Page - Fairchild Semiconductor FM93C46 Datasheet HTML 7Page - Fairchild Semiconductor FM93C46 Datasheet HTML 8Page - Fairchild Semiconductor FM93C46 Datasheet HTML 9Page - Fairchild Semiconductor FM93C46 Datasheet HTML 10Page - Fairchild Semiconductor FM93C46 Datasheet HTML 11Page - Fairchild Semiconductor FM93C46 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
www.fairchildsemi.com
FM93C46 Rev. D.1
tCSS
SYNCHRONOUS DATA TIMING
CS
SK
DI
DO (Data Read)
DO (Status Read)
Valid Status
tDIS
tDIH
tPD
tDH
tSV
tSKH
tSKL
tCSH
tDF
tDF
tPD
Valid
Input
Valid
Input
Valid
Output
Valid
Output
CS
SK
DI
DO
High - Z
Dummy
Bit
1
1
0
A5
A4
A1
A0
0
D15
D1
D0
;;;;;;;;;;;;;;
;;;;;;;;;;;;;;
tCS
;;;
;;;
NORMAL READ CYCLE (READ)
Address
Bits(6)
Star t
Bit
Opcode
Bits(2)
93C46:
Address bits patter n -> User defined
Timing Diagrams
Address
Bits(6)
CS
SK
DI
DO
High - Z
WRITE ENABLE CYCLE (WEN)
Star t
Bit
93C46:
Address bits patter n -> 1-1-x-x-x-x; (x -> Don't Care, can be 0 or 1)
Opcode
Bits(2)
1
0
0
A5
A4
A1
A0
tCS


Número de pieza similar - FM93C46

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM93C46 FAIRCHILD-FM93C46 Datasheet
114Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46A FAIRCHILD-FM93C46A Datasheet
120Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46AE FAIRCHILD-FM93C46AE Datasheet
120Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46AV FAIRCHILD-FM93C46AV Datasheet
120Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46E FAIRCHILD-FM93C46E Datasheet
114Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results

Descripción similar - FM93C46

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM93C46 FAIRCHILD-NM93C46 Datasheet
108Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46 FAIRCHILD-FM93C46 Datasheet
114Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C46A FAIRCHILD-NM93C46A Datasheet
112Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com