Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4223G-TR Datasheet(PDF) 2 Page - Rohm

No. de pieza BU4223G-TR
Descripción Electrónicos  Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4223G-TR Datasheet(HTML) 2 Page - Rohm

  BU4223G-TR Datasheet HTML 1Page - Rohm BU4223G-TR Datasheet HTML 2Page - Rohm BU4223G-TR Datasheet HTML 3Page - Rohm BU4223G-TR Datasheet HTML 4Page - Rohm BU4223G-TR Datasheet HTML 5Page - Rohm BU4223G-TR Datasheet HTML 6Page - Rohm BU4223G-TR Datasheet HTML 7Page - Rohm BU4223G-TR Datasheet HTML 8Page - Rohm BU4223G-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Datasheet
2/13
BU42xx series
BU43xx series
TSZ02201-0R7R0G300050-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
03.Feb.2014 Rev.008
www.rohm.com
TSZ22111・15・001
●Ordering Information
(Unit : mm)
SOP4
0.05
1.3
2.0
±0.2
1
2
4
3
+6°
–4°
0.13
+0.05
–0.03
0.32
+0.05
–0.04
0.42
+0.05
–0.04
S
0.1
S
(Unit : mm)
VSOF5
4
3
1.0
±0.05
1
0.22
±0.05
0.5
5
1.6
±0.05
0.13
±0.05
2
(Unit : mm)
SSOP5
2.9
±0.2
0.13
+6°
−4°
+0.05
−0.03
0.42
+0.05
−0.04
0.95
5
4
1
2
3
0.1
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
(
)
1pin
B
U
x
x
x
x
x
-
T
R
Part
Output Type
Reset Voltage Value Package
Packaging and
Number
42 : Open Drain
09 : 0.9V
G
: SSOP5
forming specification
43 : CMOS
0.1V step
F
: SOP4
TR : Embossed tape
48 : 4.8V
FVE : VSOF5
and reel


Número de pieza similar - BU4223G-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4223G-TR ROHM-BU4223G-TR Datasheet
502Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4223G-TR ROHM-BU4223G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Descripción similar - BU4223G-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4227F-TR ROHM-BU4227F-TR Datasheet
502Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4240G-TR ROHM-BU4240G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227FVE-TR ROHM-BU4227FVE-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4228G-TR ROHM-BU4228G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XX ROHM-BU42XX Datasheet
447Kb / 17P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
03.Feb.2014 Rev.008
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BU4248 ROHM-BU4248_13 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4231G-TR ROHM-BU4231G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XXG ROHM-BU42XXG_09 Datasheet
369Kb / 12P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com