Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4362-B0B-FM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza SI4362-B0B-FM
Descripción Electrónicos  WIRELESS PRODUCT SELECTOR GUIDE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SI4362-B0B-FM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SI4362-B0B-FM Datasheet HTML 1Page - List of Unclassifed Manufacturers SI4362-B0B-FM Datasheet HTML 2Page - List of Unclassifed Manufacturers SI4362-B0B-FM Datasheet HTML 3Page - List of Unclassifed Manufacturers SI4362-B0B-FM Datasheet HTML 4Page - List of Unclassifed Manufacturers SI4362-B0B-FM Datasheet HTML 5Page - List of Unclassifed Manufacturers SI4362-B0B-FM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4362-B0B-FM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4362-B0B-FM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4362-B0B-FM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1 / W IR E L E S S P R O D U C T S E L EC T O R G U ID E
Wireless Products
REQUEST SAMPLES AND DOWNLOAD DOCUMENTATION AT
www.silabs.com/wireless
EZRadio® Universal ISM Band RF ICs: www.silabs.com/ezradio
Fully integrated, low-power, low data rate, low cost transmitter, receiver and transceiver ICs
EZRadioPRO® Radio with Enhanced Features: www.silabs.com/ezradiopro
Support continuous frequency tuning from 240 to 1050 MHz and output power up to +20 dBm
PART NUMBER TYPE
MODULATION SCHEME
(MAX KBPS)
FSK
OOK
FREQUENCY
RANGE (MHz)
OUTPUT POWER
RANGE (dBm)
SENSITIVITY (dBm)
(2.0 KBPS) (4.8 KBPS)
(FSK)
(OOK)
RX
CURRENT
(mA)
TX CURRENT (mA)
0
+11
+13
20
(dBm)
PACKAGE
Si4030
TX
256
40
900-960
-8 to +13
18
30
QFN20
Si4031
TX
256
40
240-930
-8 to +13
18
30
QFN20
Si4032
TX
256
40
240-930
+1 to +20
35
85
QFN20
Si4060
TX
1000
120
142-1050
Major Bands
-40 to +13
18
QFN20
Si4063
TX
1000
120
142-1050
Major Bands
-20 to +20
85
QFN20
Si4330
RX
256
40
240-960
-121
-110
18.5 mA
QFN20
Si4362
RX
1000
120
142-1050
Major Bands
-124
-112
10/13 mA
QFN20
Si4430
TRX
256
40
900-960
-8 to +13
-12
-110
18.5 mA
18
30
QFN20
Si4431
TRX
256
40
240-930
-8 to +13
-121
-110
18.5 mA
18
30
QFN20
Si4432
TRX
256
40
240-930
+1 to +20
-121
-110
18.5 mA
35
85
QFN20
Si4460
TRX
1000
120
142-1050
Major Bands
+11
-124
-112
10/13 mA
18
25
QFN20
Si4461
TRX
1000
120
142-1050
Major Bands
+16
-124
-112
10/13 mA
31
QFN20
Si4463
TRX
1000
120
142-1050
Major Bands
+1 to +20
-124
-112
10/13 mA
85
QFN20
Si4464
TRX
1000
120
119-960
+1 to +20
-124
-112
10/13 mA
85
QFN20
PART NUMBER
TYPE
MODULATIONSCHEME
(MAX KBPS)
FSK
OOK
FREQUENCY BANDS (MHz)
315
434
868
915
OUTPUTPOWERMAX
(dBm)
868MHz
434MHz
BAND
BAND
SUPPLY
VOLTAGE (V)
SENSITIVITY
(dBm)
PACKAGE
Si4010
MCU +TX
100
50
27 - 960
10
1.8-3.6
MSOP10/SOIC14
Si4012
TX
100
50
27 - 960
10
1.8-3.6
MSOP10/SOIC14
Si4311
RX
10
2.7-3.6
-104
QFN20
Si4313
RX
256
40
1.8-3.6
-118/-107
QFN20


Número de pieza similar - SI4362-B0B-FM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4362-C SILABS-SI4362-C Datasheet
1Mb / 44P
   Remote control
SI4362-C2A-GM SILABS-SI4362-C2A-GM Datasheet
1Mb / 44P
   HIGH-PERFORMANCE, LOW-CURRENT RECEIVER
Rev 1.0
More results

Descripción similar - SI4362-B0B-FM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP6041-I-SN MICROCHIP-MCP6041-I-SN Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC1017-3.3VCTTR MICROCHIP-TC1017-3.3VCTTR Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC620 MICROCHIP-TC620 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
List of Unclassifed Man...
PPC405EX-NSD400T ETC-PPC405EX-NSD400T Datasheet
2Mb / 29P
   Power??Architecture Products Product Selector Guide
logo
Microchip Technology
MCP9700A-E MICROCHIP-MCP9700A-E Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com